Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 24Page - Microchip Technology LAN91C111 Datasheet HTML 25Page - Microchip Technology LAN91C111 Datasheet HTML 26Page - Microchip Technology LAN91C111 Datasheet HTML 27Page - Microchip Technology LAN91C111 Datasheet HTML 28Page - Microchip Technology LAN91C111 Datasheet HTML 29Page - Microchip Technology LAN91C111 Datasheet HTML 30Page - Microchip Technology LAN91C111 Datasheet HTML 31Page - Microchip Technology LAN91C111 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 125 page
background image
LAN91C111
DS00002276A-page 28
 2011-2016 Microchip Technology Inc.
7.7.7.4
Transmit Rise and Fall Time Adjust
The transmit output rise and fall time can be adjusted with the two transmit rise/fall time adjust bits in the PHY Ml serial
port Configuration 1. The adjustment range is -0.25ns to +0.5ns in 0.25ns steps.
7.7.7.5
STP (150 Ohm) Cable Mode
The transmitter can be configured to drive 150 Ohm shielded twisted pair cable. The STP mode can be selected by
appropriately setting the cable type select bit in the PHY MI serial port Configuration 1 register. When STP mode is
enabled, the output current is automatically adjusted to comply with IEEE 802.3 levels.
7.7.7.6
Transmit Disable
The TP transmitter can be disabled by setting the transmit disable bit in the PHY Ml serial port Configuration 1 register.
When the transmit disable bit is set, the TP transmitter is forced into the idle state, no data is transmitted, no link pulses
are transmitted, and internal loopback is disabled.
7.7.7.7
Transmit Powerdown
The TP transmitter can be powered down by setting the transmit powerdown bit in the PHY Ml serial port Configuration
1 register. When the transmit powerdown bit is set, the TP transmitter is powered down, the TP transmit outputs are
high impedance, and the rest of the LAN91C111 operates normally.
7.7.8
TWISTED PAIR RECEIVER
7.7.8.1
Receiver - 100 Mbps
The TX receiver detects input signals from the twisted pair input and converts it to a digital data bit stream ready for dock
and data recovery. The receiver can reliably detect data from a 100BASE-TX transmitter that has been passed through
0-100 meters of 100-Ohm category 5 UTP or 150 Ohm STP.
The TX receiver consists of an adaptive equalizer, baseline wander correction circuit, comparators, and MLT-3 decoder.
The TP inputs first go to an adaptive equalizer. The adaptive equalizer compensates for the low pass characteristic of
the cable, and it has the ability to adapt and compensate for 0-100 meters of category 5, 100 Ohm UTP or 150 Ohm
STP twisted pair cable. The baseline wander correction circuit restores the DC component of the input waveform that
was removed by external transformers. The comparators convert the equalized signal back to digital levels and are used
to qualify the data with the squelch circuit. The MLT-3 decoder takes the three level MLT-3 digital data from the compar-
ators and converts it to back to normal digital data to be used for dock and data recovery.
7.7.8.2
Receiver - 10 Mbps
The 10 Mbps receiver is able to detect input signals from the twisted pair cable that are within the template shown in
Figure 7-5. The inputs are biased by internal resistors. The TP inputs pass through a low pass filter designed to eliminate
any high frequency noise on the input. The output of the receive filter goes to two different types of comparators, squelch
and zero crossing. The squelch comparator determines whether the signal is valid, and the zero crossing comparator
1000
1.00
1001
0.98
1010
0.96
1011
0.94
1100
0.92
1101
0.90
1110
0.88
1111
0.86
TABLE 7-2:
TRANSMIT LEVEL ADJUST (CONTINUED)
TLVL[3:0]
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com