Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology LAN91C111 Datasheet HTML 57Page - Microchip Technology LAN91C111 Datasheet HTML 58Page - Microchip Technology LAN91C111 Datasheet HTML 59Page - Microchip Technology LAN91C111 Datasheet HTML 60Page - Microchip Technology LAN91C111 Datasheet HTML 61Page - Microchip Technology LAN91C111 Datasheet HTML 62Page - Microchip Technology LAN91C111 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 59
LAN91C111
EPH INT will only be cleared by the following methods:
• Clearing the LE ENABLE bit in the Control Register if an EPH interrupt is caused by a LINK_OK transition.
• Reading the Counter Register if an EPH interrupt is caused by statistics counter roll over.
• Setting TXENA bit high if an EPH interrupt is caused by any of the fatal transmit error listed above (3.1 to 3.5).
RX_OVRN INT - Set when 1) the receiver aborts due to an overrun due to a failed memory allocation, 2) the receiver
aborts due to a packet length of greater than 2K bytes, or 3) the receiver aborts due to the RCV DISCRD bit in the RCV
register set. The RX_OVRN INT bit latches the condition for the purpose of being polled or generating an interrupt, and
will only be cleared by writing the acknowledge register with the RX_OVRN INT bit set.
ALLOC INT - Set when an MMU request for TX ram pages is successful. This bit is the complement of the FAILED bit
in the ALLOCATION RESULT register. The ALLOC INT bit is cleared by the MMU when the next allocation request is
processed or allocation fails.
TX EMPTY INT - Set if the TX FIFO goes empty, can be used to generate a single interrupt at the end of a sequence of
packets enqueued for transmission. This bit latches the empty condition, and the bit will stay set until it is specifically
cleared by writing the acknowledge register with the TX EMPTY INT bit set. If a real time reading of the FIFO empty is
desired, the bit should be first cleared and then read.
The TX_EMPTY MASK bit should only be set after the following steps:
• A packet is enqueued for transmission
• The previous empty condition is cleared (acknowledged)
TX INT - Set when at least one packet transmission was completed or any of the below transmit fatal errors occurs:
• SQET - SQE Error
• LOST CARR - Lost Carrier
• LATCOL - Late Collision
• 16COL - 16 collisions
The first packet number to be serviced can be read from the FIFO PORTS register. The TX INT bit is always the logic
complement of the TEMPTY bit in the FIFO PORTS register. After servicing a packet number, its TX INT interrupt is
removed by writing the Interrupt Acknowledge Register with the TX INT bit set.
RCV INT - Set when a receive interrupt is generated. The first packet number to be serviced can be read from the FIFO
PORTS register. The RCV INT bit is always the logic complement of the REMPTY bit in the FIFO PORTS register.
Receive Interrupt is cleared when RX FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com