Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 7Page - Microchip Technology LAN91C111 Datasheet HTML 8Page - Microchip Technology LAN91C111 Datasheet HTML 9Page - Microchip Technology LAN91C111 Datasheet HTML 10Page - Microchip Technology LAN91C111 Datasheet HTML 11Page - Microchip Technology LAN91C111 Datasheet HTML 12Page - Microchip Technology LAN91C111 Datasheet HTML 13Page - Microchip Technology LAN91C111 Datasheet HTML 14Page - Microchip Technology LAN91C111 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 11
LAN91C111
5.0
DESCRIPTION OF PIN FUNCTIONS
Pin No.
Name
Symbol
Buffer
Type
Description
TQFP
QFP
81-92
83-94
Address
A4-A15
I**
Input. Decoded by LAN91C111 to
determine access to its registers.
78-80
80-82
Address
A1-A3
I**
Input. Used by LAN91C111 for internal
register selection.
41
43
Address Enable
AEN
I**
Input. Used as an address qualifier.
Address decoding is only enabled when
AEN is low.
94-97
96-99
nByte Enable
nBE0-
nBE3
I**
Input. Used during LAN91C111 register
accesses to determine the width of the
access and the register(s) being
accessed. nBE0-nBE3 are ignored when
nDATACS is low (burst accesses)
because 32 bit transfers are assumed.
107-104,
102-99, 76-
73, 71-68,
66-63, 61-
58, 56-53,
51-48
109-106,
104-101,
78-75, 73-
70, 68-65,
63-60, 58-
55, 53-50
Data Bus
D0-D31
I/O24**
Bidirectional. 32 bit data bus used to
access the LAN91C111’s internal
registers. Data bus has weak internal
pullups. Supports direct connection to the
system bus without external buffering. For
16 bit systems, only D0-D15 are used.
30
32
Reset
RESET
IS**
Input. When this pin is asserted high, the
controller performs an internal system
(MAC & PHY) reset. It programs all the
registers to their default value, the
controller will read the EEPROM device
through the EEPROM interface (Note 5-1).
This input is not considered active unless
it is active for at least 100ns to filter
narrow glitches.
37
39
nAddress
Strobe
nADS
IS**
Input. For systems that require address
latching, the rising edge of nADS
indicates the latching moment for A1-A15
and AEN. All LAN91C111 internal
functions of A1-A15, AEN are latched
except for nLDEV decoding.
35
37
nCycle
nCYCLE
I**
Input. This active low signal is used to
control LAN91C111 EISA burst mode
synchronous bus cycles.
36
38
Write/
nRead
W/nR
IS**
Input. Defines the direction of
synchronous cycles. Write cycles when
high, read cycles when low.
40
42
nVL Bus Access nVLBUS
I with
pullup**
Input. When low, the LAN91C111
synchronous bus interface is configured
for VL Bus accesses. Otherwise, the
LAN91C111 is configured for EISA DMA
burst accesses. Does not affect the
asynchronous bus interface.
42
44
Local Bus Clock LCLK
I**
Input. Used to interface synchronous
buses. Maximum frequency is 50 MHz.
Limited to 8.33 MHz for EISA DMA burst
mode. This pin should be tied high if it is
in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com