| Electronic Components Datasheet Search |
|
MB95F613K Datasheet(PDF) 33 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F613K Datasheet(HTML) 33 Page - Cypress Semiconductor |
|
33 / 110 page ![]() Document Number: 002-04698 Rev. *A Page 33 of 110 PRELIMINARY MB95610H Series 15. I/O Ports ■ List of port registers R/W : Readable/writable (The read value is the same as the write value.) R, RM/W : Readable/writable (The read value is different from the write value. The write value is read by the read-modify-write (RMW) type of instruction.) 15.1 Port 0 Port 0 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral functions, refer to their respective chapters in “New 8FX MB95610H Series Hardware Manual”. 15.1.1 Port 0 configuration Port 0 is made up of the following elements. ■ General-purpose I/O pins/peripheral function I/O pins ■ Port 0 data register (PDR0) ■ Port 0 direction register (DDR0) ■ A/D input disable register (lower) (AIDRL) Register name Read/Write Initial value Port 0 data register PDR0 R, RM/W 0b00000000 Port 0 direction register DDR0 R/W 0b00000000 Port 1 data register PDR1 R, RM/W 0b00000000 Port 1 direction register DDR1 R/W 0b00000000 Port 2 data register PDR2 R, RM/W 0b00000000 Port 2 direction register DDR2 R/W 0b00000000 Port 3 data register PDR3 R, RM/W 0b00000000 Port 3 direction register DDR3 R/W 0b00000000 Port 5 data register PDR5 R, RM/W 0b00000000 Port 5 direction register DDR5 R/W 0b00000000 Port 9 data register PDR9 R, RM/W 0b00000000 Port 9 direction register DDR9 R/W 0b00000000 Port F data register PDRF R, RM/W 0b00000000 Port F direction register DDRF R/W 0b00000000 Port G data register PDRG R, RM/W 0b00000000 Port G direction register DDRG R/W 0b00000000 Port 1 pull-up register PUL1 R/W 0b00000000 Port 5 pull-up register PUL5 R/W 0b00000000 Port G pull-up register PULG R/W 0b00000000 A/D input disable register (lower) AIDRL R/W 0b00000000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |