Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 121Page - Advanced Micro Devices CS5530A Datasheet HTML 122Page - Advanced Micro Devices CS5530A Datasheet HTML 123Page - Advanced Micro Devices CS5530A Datasheet HTML 124Page - Advanced Micro Devices CS5530A Datasheet HTML 125Page - Advanced Micro Devices CS5530A Datasheet HTML 126Page - Advanced Micro Devices CS5530A Datasheet HTML 127Page - Advanced Micro Devices CS5530A Datasheet HTML 128Page - Advanced Micro Devices CS5530A Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
125
XpressAUDIO™ Subsystem
Revision 1.1
4.7.2
VSA Technology Support Hardware
The CS5530A companion device incorporates the required
hardware in order to support the Virtual System Architec-
ture (VSA) technology for capture and playback of audio
using an external codec. This eliminates much of the hard-
ware traditionally associated with industry standard audio
functions.
XpressAUDIO software provides 16-bit compatible sound.
This software is available to OEMs for incorporation into
the system BIOS ROM.
4.7.2.1
VSA Technology
VSA technology provides a framework to enable software
implementation of traditionally hardware-only components.
VSA technology software executes in System Management
Mode (SMM), enabling it to execute transparently to the
operating system, drivers, and applications.
The VSA technology design is based upon a simple model
for replacing hardware components with software. Hard-
ware to be virtualized is merely replaced with simple
access detection circuitry which asserts the SMI# (System
Management Interrupt) pin when hardware accesses are
detected. The current execution stream is immediately pre-
empted, and the processor enters SMM. The SMM system
software then saves the processor state, initializes the VSA
technology execution environment, decodes the SMI
source and dispatches handler routines which have regis-
tered requests to service the decoded SMI source. Once
all handler routines have completed, the processor state is
restored and normal execution resumes. In this manner,
hardware accesses are transparently replaced with the
execution of SMM handler software.
Historically, SMM software was used primarily for the single
purpose of facilitating active power management for note-
book designs. That software’s only function was to manage
the power up and down of devices to save power. With high
performance processors now available, it is feasible to
implement, primarily in SMM software, PC capabilities tra-
ditionally provided by hardware. In contrast to power man-
agement code, this virtualization software generally has
strict performance requirements to prevent application per-
formance from being significantly impacted.
4.7.2.2
Audio SMI Related Registers
The SMI related registers consist of:
• Second Level Audio SMI Status Registers
• I/O Trap SMI and Fast Write Status Register
• I/O Trap SMI Enable Register
The Top SMI Status Mirror and Status Registers are the top
level of hierarchy for the SMI handler in determining the
source
of
an
SMI.
These
two
registers
are
at
F1BAR+Memory
Offset
00h
(Status
Mirror)
and
F1BAR+Memory Offset 02h (Status). The registers are
identical except that reading the register at F1BAR+Mem-
ory Offset 02h clears the status.
Second Level Audio SMI Status Registers
The second level of audio SMI status reporting is set up
very much like the top level. There are two status reporting
registers, one “read only” (mirror) and one “read to clear”.
The data returned by reading either offset is the same (i.e.,
SMI was caused by an audio related event). The difference
between F3BAR+Memory Offset 12h and 10h (mirror) is in
the ability to clear the SMI source at 10h.
Figure 4-22 shows an SMI tree for checking and clearing
the source of an audio SMI. Only the audio SMI bit is
detailed here. For details regarding the remaining bits in
the Top SMI Status Mirror and Status Registers refer to
Table 5-17 "F1BAR+Memory Offset xxh: SMI Status and
ACPI Timer Registers" on page 181.
I/O Trap SMI and Fast Write Status Register
This 32-bit read-only register (F3BAR+Memory Offset 14h)
not only indicates if the enabled I/O trap generated an SMI,
but also contains Fast Path Write related bits.
I/O Trap SMI Enable Register
The I/O Trap SMI Enable Register (F3BAR+Memory Offset
18h) allows traps for specified I/O addresses and config-
ures generation for I/O events. It also contains the enabling
bit for Fast Path Write/Read features.
If Status Fast Path Read is enabled, the CS5530A inter-
cepts and responds to reads to several status registers.
This speeds up operations, and prevents SMI generation
for reads to these registers. Status Fast Path Read is
enabled via F3BAR+Memory Offset 18h[4].
In Status Fast Path Read the CS5530A responds to reads
of the following addresses:
388h-38Bh
2x0h, 2x1h, 2x2h, 2x3h, 2x8h, and 2x9h
Note that if neither sound card nor FM I/O mapping is
enabled, then status read trapping is not possible.
If Fast Path Write is enabled, the CS5530A captures cer-
tain writes to several I/O locations. This feature prevents
two SMIs from being asserted for write operations that are
known to take two accesses (the first access is an index
and the second is data). Fast Path Write is enabled via
F3BAR+Memory Offset 18h[11].
Fast Path Write captures the data and address bit 1 (A1) of
the first access, but does not generate an SMI. A1 is stored
in F3BAR+Memory Offset 14h[15]. The second access
causes an SMI, and the data and address are captured as
in a normal trapped I/O.
In Fast Path Write, the CS5530A responds to writes to the
following addresses:
388h, 38Ah, and 38Bh
2x0h, 2x2h, and 2x8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com