Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 118Page - Advanced Micro Devices CS5530A Datasheet HTML 119Page - Advanced Micro Devices CS5530A Datasheet HTML 120Page - Advanced Micro Devices CS5530A Datasheet HTML 121Page - Advanced Micro Devices CS5530A Datasheet HTML 122Page - Advanced Micro Devices CS5530A Datasheet HTML 123Page - Advanced Micro Devices CS5530A Datasheet HTML 124Page - Advanced Micro Devices CS5530A Datasheet HTML 125Page - Advanced Micro Devices CS5530A Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 259 page
background image
122
AMD Geode™ CS5530A Companion Device Data Book
XpressAUDIO™ Subsystem
Revision 1.1
4.7.1.4
Programming Model
The following discussion explains, in steps, how to initiate
and maintain a bus master transfer between memory and
an audio slave device.
In the steps listed below, the reference to “Example” refers
to Figure 4-20, PRD Table Example.
1)
Software creates a PRD table in system memory.
Each PRD entry is 8 bytes long; consisting of a base
address pointer and buffer size. The maximum data
that can be transferred from a PRD entry is 64 KB. A
PRD table must be aligned on a 4-byte boundary. The
last PRD in a PRD table must have the EOT or JMP bit
set.
Example - Assume the data is outbound. There are
three PRDs in the example PRD table. The first two
PRDs (PRD_1, PRD_2) have only the EOP bit set.
The last PRD (PRD_3) has only the JMP bit set. This
example creates a PRD loop.
2)
Software loads the starting address of the PRD table
by programming the PRD Table Address Register.
Example - Program the PRD Table Address Register
with Address_3.
3)
Software must fill the buffers pointed to by the PRDs
with audio data. It is not absolutely necessary to fill the
buffers; however, the buffer filling process must stay
ahead of the buffer emptying. The simplest way to do
this is by using the EOP flags to generate an SMI
when a PRD is empty.
Example - Fill Audio Buffer_1 and Audio Buffer_2. The
SMI generated by the EOP from the first PRD allows
the software to refill Audio Buffer_1. The second SMI
will refill Audio Buffer_2. The third SMI will refill Audio
Buffer_1 and so on.
4)
Read the SMI Status Register to clear the Bus Master
Error and End of Page bits (bits 1 and 0).
Set the correct direction to the Read or Write Control
bit (Command Register bit 3). Note that the direction of
the data transfer of a particular bus master is fixed and
therefore the direction bit must be programmed
accordingly. It is assumed that the codec has been
properly programmed to receive the audio data.
Engage the bus master by writing a “1” to the Bus
Master Control bit (Command Register bit 0).
The bus master reads the PRD entry pointed to by the
PRD Table Address Register and increments the
address by 08h to point to the next PRD. The transfer
begins.
Example - The bus master is now properly pro-
grammed to transfer Audio Buffer_1 to a specific
slot(s) in the AC97 interface.
Figure 4-20. PRD Table Example
Address_1
Size_1
EOT = 0
Audio
Buffer_1
Audio
Buffer_2
Size_1
Size_2
Address_1
EOP = 1
JMP = 0
Address_2
Size_2
EOT = 0
EOP = 1
JMP = 0
Address_3
Don’t Care
EOT = 0
EOP = 0
JMP = 1
PRD_1
PRD_2
PRD_3
Address_2
Address_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com