Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 115Page - Advanced Micro Devices CS5530A Datasheet HTML 116Page - Advanced Micro Devices CS5530A Datasheet HTML 117Page - Advanced Micro Devices CS5530A Datasheet HTML 118Page - Advanced Micro Devices CS5530A Datasheet HTML 119Page - Advanced Micro Devices CS5530A Datasheet HTML 120Page - Advanced Micro Devices CS5530A Datasheet HTML 121Page - Advanced Micro Devices CS5530A Datasheet HTML 122Page - Advanced Micro Devices CS5530A Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
119
XpressAUDIO™ Subsystem
Revision 1.1
The six bus masters that directly drive specific slots on the
AC97 interface:
• Audio Bus Master 0
— Output to codec
—PCI read
— 32-Bit
— Left and right channels
— Slots 3 and 4
• Audio Bus Master 1
— Input from codec
— PCI write
— 32-Bit
— Left and right channels
— Slots 3 and 4
• Audio Bus Master 2
— Output to codec
—PCI read
— 16-Bit
—Slot 5
• Audio Bus Master 3
— Input from codec
— PCI write
— 16-Bit
—Slot 5
• Audio Bus Master 4
— Output to codec
—PCI read
—16-Bit
— Slot 6 or 11 (F3BAR+Memory Offset 08h[19] selects
slot)
• Audio Bus Master 5
- Input from codec
— PCI write
—16-Bit
— Slot 6 or 11 (F3BAR+Memory Offset 08h[20] selects
slot)
Bus Master Audio Configuration Registers
The format for the bus master audio configuration registers
is similar in that each bus master has a Command Regis-
ter, an SMI Status Register and a PRD Table Address Reg-
ister. Programming of the bus masters is generic in many
ways, although specific programming is required of bit 3 in
the Command Register. This bit selects read or write con-
trol and is dependent upon which Audio Bus Master is
being programmed. For example, Audio Bus Master 0 is
defined as an output only, so bit 3 of Audio Bus Master 0
Command Register (F3BAR+Memory Offset 20h[3]) must
always be set to 1.
Table 4-63. Generic Bit Formats for Audio Bus Master Configuration Registers
Bit
Description
Command Register (R/W)
7:4
Reserved: Set to 0. Must return 0 on reads.
3
Read or Write Control: Set the transfer direction of Audio Bus Master X: 0 = Memory reads performed (output to codec);
1 = Memory writes performed (input from codec).
This bit should not be changed when the bus master is active. The setting of this bit is dependent upon the assigned bus
master.
2:1
Reserved: Set to 0. Must return 0 on reads.
0
Bus Master Control: Controls the state of the Audio Bus Master X: 0 = Disable; 1 = Enable.
Setting this bit to 1 enables the bus master to begin data transfers. When writing this bit to 0, the bus master must either be
paused or have reached EOT. Writing this bit to 0 while the bus master is operating results in unpredictable behavior includ-
ing the possibility of the bus master state machine crashing. The only recovery from this condition is a PCI reset.
Note: This register must be read and written as a BYTE.
SMI Status Register (RC)
7:2
Reserved (Read to Clear)
1
Bus Master Error (Read to Clear): Hardware encountered a second EOP (end of page) before software has cleared the
first? 0 = No; 1 = Yes.
If hardware encounters a second EOP before software has cleared the first, it causes the bus master to pause until this reg-
ister is read to clear the error.
Must be R/W as a byte.
0
End of Page (Read to Clear): Bus master transferred data which is marked by EOP bit in the PRD table (bit 30)?
0 = No; 1 = Yes.
Note: Must be read and written as a BYTE.
PRD Table Address (R/W)
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for Audio Bus Master X.
When written, this register points to the first entry in a PRD table. Once Audio Bus Master X is enabled (Command Register
bit 0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com