Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 114Page - Advanced Micro Devices CS5530A Datasheet HTML 115Page - Advanced Micro Devices CS5530A Datasheet HTML 116Page - Advanced Micro Devices CS5530A Datasheet HTML 117Page - Advanced Micro Devices CS5530A Datasheet HTML 118Page - Advanced Micro Devices CS5530A Datasheet HTML 119Page - Advanced Micro Devices CS5530A Datasheet HTML 120Page - Advanced Micro Devices CS5530A Datasheet HTML 121Page - Advanced Micro Devices CS5530A Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 259 page
background image
118
AMD Geode™ CS5530A Companion Device Data Book
XpressAUDIO™ Subsystem
Revision 1.1
4.7
XpressAUDIO™ Subsystem
Through XpressAUDIO™ architecture, the CS5530A offers
a combined hardware/software support solution to meet
industry standard audio requirements. The XpressAUDIO
architecture uses Virtual System Architecture™ (VSA)
technology along with additional hardware features to pro-
vide the necessary support for industry standard 16-bit ste-
reo synthesis and OPL3 emulation.
The hardware portion of the XpressAUDIO subsystem is
for transporting streaming audio data to/from the system
memory and an AC97 codec. This hardware includes:
• Six (three inbound/three outbound) buffered PCI bus
mastering engines that drive specific AC97 interface
slots.
• Interfaces to AC97 codecs for audio input/output.
Additional hardware provides the necessary functionality
for VSA technology. This hardware includes the ability to:
• Generate an SMI to alert software to update required
data. An SMI is generated when either audio buffer is
half empty or full. If the buffers become completely
empty or full, the Empty bit is asserted.
• Generate an SMI on I/O traps.
• Trap accesses for sound card compatibility at either I/O
Port 220h-22Fh, 240h-24Fh, 260h-26Fh, or 280h-28Fh.
• Trap accesses for FM compatibility at I/O Port 388h-
38Bh.
• Trap accesses for MIDI UART interface at I/O Port 300h-
301h or 330h-331h.
• Trap accesses for serial input and output at COM2 (I/O
Port 2F8h-2FFh) or COM4 (I/O Port 2E8h-2EFh).
• Support trapping for low (I/O Port 00h-0Fh) and/or high
(I/O Port C0h-DFh) DMA accesses.
• Support hardware status register reads in CS5530A,
minimizing SMI overhead.
• Support is provided for software-generated IRQs on IRQ
2, 3, 5, 7, 10, 11, 12, 13, 14, and 15.
Included in the following subsections are details regarding
the registers used for configuring the audio interface. The
registers are accessed through F3 Index 10h, the Base
Address Register (F3BAR) in Function 3. F3BAR sets the
base address for XpressAUDIO subsystem support regis-
ters as shown in Table 4-62.
4.7.1
Subsystem Data Transport Hardware
The data transport hardware can be broadly divided into
two sections: bus mastering and the codec interface.
4.7.1.1
Audio Bus Masters
The CS5530A audio hardware includes six PCI bus mas-
ters (three for input and three for output) for transferring
digitized audio between memory and the external codec.
With these bus master engines, the CS5530A off-loads the
CPU and improves system performance.
The programming interface defines a simple scatter/gather
mechanism allowing large transfer blocks to be scattered to
or gathered from memory. This cuts down on the number of
interrupts to and interactions with the CPU.
Table 4-62. Base Address Register (F3BAR) for XpressAUDIO™ Subsystem Support Registers
Bit
Description
f3 Index 10h-13h
Base Address Register - F3BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped audio interface control register block. This is a 128-byte block of registers
used to control the audio FIFO and codec interface, as well as to support SMIs produced by VSA technology. Bits [6:0] are read only
(0000 0000), indicating a 128-byte memory address range. Refer to Table 5-21 for the bit formats and reset values of the XpressAUDIO
subsystem support registers.
31:7
Audio Interface Base Address
6:0
Address Range (Read Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com