Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9542BCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9542BCPZ
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542BCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9542BCPZ Datasheet HTML 34Page - Analog Devices AD9542BCPZ Datasheet HTML 35Page - Analog Devices AD9542BCPZ Datasheet HTML 36Page - Analog Devices AD9542BCPZ Datasheet HTML 37Page - Analog Devices AD9542BCPZ Datasheet HTML 38Page - Analog Devices AD9542BCPZ Datasheet HTML 39Page - Analog Devices AD9542BCPZ Datasheet HTML 40Page - Analog Devices AD9542BCPZ Datasheet HTML 41Page - Analog Devices AD9542BCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 38 of 61
If the user does not connect external pull-up/pull-down resistors
to the Mx pins, the M3 and M4 pins have internal pull-down
resistors to ensure a predictable start-up configuration. In the
absence of external resistors, the internal pull-down resistors
ensure that the device starts up with the serial port in SPI mode
and without automatically loading data from an external EEPROM
(see Table 26). Although the M0, M1, M2, M5, and M6 pins are
high impedance at startup, connect external 100 kΩ pull-down
or pull-up resistors to these pins to ensure robust operation.
The Mx pin start-up conditions are shown in Table 26. M0, M1,
and M2 are excluded from Table 26 because these pins have no
explicit function during a power-up or reset operation.
Table 26. Mx Pin Function at Startup or Reset
Mx
Pin
Startup/Reset
Function
Logic 1
Logic 0
M3
EEPROM load
function
Load from
EEPROM
Do not load from
EEPROM (default)
M4
Serial port
function
I²C mode
SPI mode
(default)
M5
I2C address offset
See Table 27
See Table 27
M6
I2C address offset
See Table 27
See Table 27
When the start-up conditions select the serial port to be I
2C
mode (that is, M4 is Logic 1 at startup), the M5 and M6 pins
determine the I
2C port device address offset per Table 27. Note
that the logic levels in Table 27 only apply during a power-up or
reset operation.
Table 27. I²C Device Address Offset
M6
M5
M4
Address Offset
X1
X1
0
Not applicable
0
0
1
1001000 (0x48)
0
1
1
1001001 (0x49)
1
0
1
1001010 (0x4A)
1
1
1
1001011 (0x4B)
1 X means don’t care.
STATUS FUNCTIONALITY
Configuring an Mx pin as a status pin gives the user access to
specific internal device status/IRQ functions in the form of a
hardware pin that produces a logic signal. Each Mx pin has a
corresponding Mx function register. To assign an Mx pin as a
status pin, write a Logic 1 to the Mx output enable bit in the
corresponding Mx pin function register.
To assign a specific status/IRQ function to an Mx pin configured
as a status pin, program the appropriate 7-bit code (see Table 30)
to Bits[D6:D0] of the corresponding Mx function register.
See the Interrupt Request (IRQ) section for details regarding
IRQ functionality.
When configured as a status pin, the output mode of an Mx pin
depends on a 2-bit mode code per Table 28. The 2-bit codes reside
in Register 0x100 through Register 0x101, where the 2-bit codes
constitute the Mx receiver/driver bit fields. Note that the Mx
receiver/driver bit fields perform a different function when the
Mx pin is a control pin (see the Control Functionality section).
Table 28. Mx Receiver/Driver Bit Field Codes for Mx Status Pins
Code
Mode
Description
00
CMOS,
active high
Output is Logic 0 when deasserted and
Logic 1 when asserted (default operating
mode).
01
CMOS,
active low
Output is Logic 1 when deasserted and
Logic 0 when asserted.
10
PMOS,
open drain
Output is high impedance when deasserted
and active high when asserted.
11
NMOS,
open drain
Output is high impedance when deasserted
and active low when asserted.
The PMOS open-drain mode requires an external pull-down
resistor. The NMOS open-drain mode requires an external pull-up
resistor. Note that the open-drain modes enable the implementa-
tion of wire-OR’ed functionality of multiple Mx status pins
(including Mx status pins across multiple AD9542 devices or other
compatible devices—for example, to implement an IRQ bus).
The drive strength of an Mx status pin is programmable via the
corresponding Mx configuration bits (Bits[D6:D0] of the pin
drive strength register). Logic 0 (default) selects normal drive
strength (~6 mA) and Logic 1 selects weak drive strength (~3 mA).
CONTROL FUNCTIONALITY
Configuring an Mx pin as a control pin gives the user control of
the specific internal device functions via an external hardware
logic signal. Each Mx pin has a corresponding Mx function register.
To assign an Mx pin as a control pin, write a Logic 0 to the
Mx output enable bit in the corresponding Mx function register.
To assign an Mx control pin to a specific function, program the
appropriate 7-bit code (see Table 30) to Bits[D6:D0] of the
corresponding Mx function register. See the Interrupt Request
(IRQ) section for details regarding IRQ functionality.
When configured as an Mx control pin, the logical level applied
to the Mx pin translates to the selected device function. It is also
possible to assign multiple Mx control pins to the same control
function with the multiple pins implementing a Boolean expres-
sion. The Boolean operation associated with an Mx control pin
depends on a 2-bit code per Table 29. The 2-bit codes reside in
Register 0x100 through Register 0x101, where the 2-bit codes
constitute the Mx receiver/driver bit fields. Note that the Mx
receiver/driver bit fields perform a different function when the
Mx pin is a status pin (see the Status Functionality section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com