Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9542BCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9542BCPZ
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542BCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9542BCPZ Datasheet HTML 47Page - Analog Devices AD9542BCPZ Datasheet HTML 48Page - Analog Devices AD9542BCPZ Datasheet HTML 49Page - Analog Devices AD9542BCPZ Datasheet HTML 50Page - Analog Devices AD9542BCPZ Datasheet HTML 51Page - Analog Devices AD9542BCPZ Datasheet HTML 52Page - Analog Devices AD9542BCPZ Datasheet HTML 53Page - Analog Devices AD9542BCPZ Datasheet HTML 54Page - Analog Devices AD9542BCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 51 of 61
The previous procedure is an example of an upload sequence
consisting of two subsequences. Most upload sequences require
more than two subsequences; however, the procedure is the same.
Specifically, partition a long sequence into several subsequences
by using the pause instruction at the end of each subsequence
and the end of data instruction at the end of the final subsequence.
EEPROM Checksum
When the EEPROM controller encounters an end of data
instruction (see Table 31) during an upload sequence, it
computes a 32-bit cyclic redundancy check (CRC) checksum
and appends it to the stored data in the EEPROM. Similarly,
when the EEPROM controller executes a download sequence, it
computes a checksum on the fly. At the end of a download
sequence, the EEPROM controller compares the newly
computed checksum to the one stored in the EEPROM. If the
two checksums do not match, the EEPROM controller asserts
the EEPROM CRC error bit in the status readback section of
the register map.
To minimize the possibility of downloading a corrupted
EEPROM data set, the user can execute a checksum test by
asserting the verify EEPROM CRC bit in the EEPROM section
of the register map, which causes the EEPROM controller to
execute a download sequence, but without actually transferring
data to the AD9542 registers. The controller still computes an
on the fly checksum, performs the checksum comparison, and
asserts the EEPROM CRC error bit if the checksums do not
match. Therefore, after the device deasserts the EEPROM load
in progress bit, the user can check the EEPROM CRC fault bit
to determine if the test passed (that is, EEPROM CRC error = 0).
However, even if the test fails, device operation is unaffected
because there was no transfer of data to the AD9542 registers.
EEPROM Header
The EEPROM controller adds a header to stored data that
carries information related to the AD9542, such as
Vendor ID
Chip type
Product ID
Chip revision
At the beginning of an EEPROM download sequence, the
EEPROM controller compares the stored header values to the
values in the corresponding registers of the AD9542. If the
controller detects a mismatch, it asserts the EEPROM fault bit
in the status readback section of the register map and
terminates the download.
EEPROM INSTRUCTION SET
The EEPROM controller relies on a combination of instructions
and data. An instruction consists of a single byte (eight bits).
Some instructions require subsequent bytes of payload data.
That is, some instructions are self contained operations, whereas
others are directions on how to process subsequent payload
data. A summary of the EEPROM controller instructions is
shown in Table 31.
When the controller downloads the EEPROM contents to the
AD9542 registers, it does so in a linear fashion, stepping
through the instructions stored in the EEPROM. However, when
the controller uploads to the EEPROM, the sequence is a nonlinear
combination of various parts of the register map, as well as
computed data that the controller calculates on the fly.
Table 31. EEPROM Controller Instruction Set Summary
Instruction Code
(Hexadecimal)
Response
Comments
0x00 to 0x7F
Register transfer
Requires a 2-byte register address suffix
0x80
Input/output update
Assert input/output update during download
0x81 to 0x8F
Not applicable
Undefined
0x90
Calibrate APLLs
Calibrate the system clock PLL, APLL0, and APLL1 during download
0x91
Calibrate the system clock PLL
Calibrate only the system clock PLL during download
0x92
Calibrate APLL0
Calibrate only APLL0 during download
0x93
Calibrate APLL1
Calibrate only APLL1 during download
0x94 to 0x97
Not applicable
Reserved/unused
0x98
Force freerun
Force DPLL0 and DPLL1 to freerun during download
0x99
Force DPLL0 freerun
Force only DPLL0 to freerun during download
0x9A
Force DPLL1 freerun
Force only DPLL1 to freerun during download
0x9B to 0x9F
Not applicable
Reserved/unused
0xA0
Synchronize outputs
Synchronize all distribution outputs during download
0xA1
Synchronize Channel 0
Synchronize only Channel 0 distribution outputs during download
0xA2
Synchronize Channel 1
Synchronize only Channel 1 distribution outputs during download
0xA3 to 0xAF
Not applicable
Reserved/unused
0xB0
Clear condition
Apply Condition 0 and reset the condition map
0xB1 to 0xBF
Set condition
Apply Condition 1 to Condition 15, respectively
0xC0 to 0xFD
Not applicable
Undefined
0xFE
Pause
Pause the EEPROM upload sequence
0xFF
End of data
Marks the end of the instruction sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com