Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9542BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9542BCPZ
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9542BCPZ Datasheet HTML 22Page - Analog Devices AD9542BCPZ Datasheet HTML 23Page - Analog Devices AD9542BCPZ Datasheet HTML 24Page - Analog Devices AD9542BCPZ Datasheet HTML 25Page - Analog Devices AD9542BCPZ Datasheet HTML 26Page - Analog Devices AD9542BCPZ Datasheet HTML 27Page - Analog Devices AD9542BCPZ Datasheet HTML 28Page - Analog Devices AD9542BCPZ Datasheet HTML 29Page - Analog Devices AD9542BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 26 of 61
THEORY OF OPERATION
OVERVIEW
The AD9542 provides clocking outputs that are directly related
in phase and frequency to the selected (active) reference but
with jitter characteristics governed by the system clock, the
DCO, and the analog output PLL (APLL). The AD9542 supports
up to four reference inputs and input frequencies ranging from
2 kHz to 750 MHz. The cores of this device are two DPLLs.
Each DPLL has a programmable digital loop filter that greatly
reduces jitter transferred from the active reference to the output,
and these four DPLLs operate completely independently of each
other. The AD9542 supports both manual and automatic
holdover. While in holdover, the AD9542 continues to provide an
output as long as the system clock is present. The holdover
output frequency is a time average of the output frequency
history prior to the transition to the holdover condition. The
device offers manual and automatic reference switchover
capability if the active reference is degraded or fails completely.
The AD9542 includes a system clock multiplier and two DPLLs,
each cascaded with its own APLL.
The input signal goes first to the DPLL, which performs the
jitter cleaning and most of the frequency translation. Each DPLL
features a 48-bit DCO output that generates a signal in the range
of 162 MHz to 350 MHz.
The DCO output goes to the APLL, which multiplies the signal
up to a range of 2.424 GHz to 3.232 GHz (for Channel 0) or
3.232 GHz to 4.040 GHz (for Channel 1). After division by 2, this
signal is sent to the clock distribution section, which consists of
the 32-bit Q divider and output driver for each output. Channel 0
has six Q dividers and Channel 1 has four Q dividers.
The XOA and XOB inputs provide the input for the system clock.
These pins accept a reference clock in the 20 MHz to 300 MHz
range or a 25 MHz to 52 MHz crystal connected directly across
the XOA and XOB inputs. The system clock provides the clocks to
the frequency monitors, the DPLLs, and internal switching logic.
The AD9542 has five differential output drivers. Each of the five
output drivers has a dedicated 32-bit programmable Q divider.
Each differential driver operates up to 500 MHz and is configura-
ble as a CML driver with external pull-up resistors, or an HCSL
driver with external pull-down resistors. There are three drive
strengths:
The 7.5 mA mode is used for CML and HCSL and
ac-coupled LVDS. When used as an LVDS-compatible
driver, it must be ac-coupled and terminated with a 100 Ω
resistor across the differential pair.
The 15 mA mode produces a voltage swing and is compatible
with LVPECL. If LVPECL dc signal levels are required, the
designer must ac couple and rebias the AD9542 output.
The 15 mA mode can also be used with the termination
scheme shown in Figure 34 and Figure 35 to produce an
LVDS signal with the correct LVDS dc bias.
The 12 mA mode is halfway in between the two other settings.
REFERENCE INPUT PHYSICAL CONNECTIONS
Two pairs of pins (REFA/REFAA and REFB/REFBB) provide
access to the reference clock receivers. The user can reconfigure
each differential pair into two single-ended reference inputs. To
accommodate input signals with slow rising and falling edges,
both the differential and single-ended input receivers employ
hysteresis. Hysteresis also ensures that a disconnected or
floating input does not cause the receiver to oscillate.
When configured for differential operation, the input receivers
accommodate either ac-coupled or dc-coupled input signals.
If the input receiver is configured for dc-coupled LVDS mode,
the input receivers are capable of accepting dc-coupled LVDS
signals. The receiver is internally dc biased to handle ac-coupled
operation; however, there is no internal 50 Ω or 100 Ω termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com