Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 69 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 69 Page - Intel Corporation

Back Button 82801E Datasheet HTML 65Page - Intel Corporation 82801E Datasheet HTML 66Page - Intel Corporation 82801E Datasheet HTML 67Page - Intel Corporation 82801E Datasheet HTML 68Page - Intel Corporation 82801E Datasheet HTML 69Page - Intel Corporation 82801E Datasheet HTML 70Page - Intel Corporation 82801E Datasheet HTML 71Page - Intel Corporation 82801E Datasheet HTML 72Page - Intel Corporation 82801E Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
69
Table 52. UART Timings
Sym
Parameter
Min
Max
Units
Notes
Fig
t150a
SIU0_TXD, SIU1_TXD Valid Delay from UART_CLK Rising
2
13
ns
10
t150a
SIU0_DTR#, SIU0_RTS#, SIU1_DTR#, and SIU1_RTS# Valid
Delay from SIU_LCLK Rising
211
ns
10
t153a
SIU0_RXD, SIU0_CTS#, SIU0_DSR#, SIU0_DCD#,
SIU0_RI# SIU1_RXD, SIU1_CTS#, SIU1_DSR#,
SIU1_DCD#, and SIU1_RI# Setup Time to SIU_LCLK Rising
7ns
11
t154a
SIU0_RXD, SIU0_CTS#, SIU0_DSR#, SIU0_DCD#,
SIU0_RI#, SIU1_RXD, SIU1_CTS#, SIU1_DSR#,
SIU1_DCD#, and SIU1_RI# Hold Time from SIU_LCLK Rising
0ns
11
t10a
SIU0_CTS#, SIU0_DSR#, SIU0_DCD#, SIU0_RI#,
SIU1_CTS#, SIU1_DSR#, SIU1_DCD#, and SIU1_RI#
high time
100
9
t11a
SIU0_CTS#, SIU0_DSR#, SIU0_DCD#, SIU0_RI#,
SIU1_CTS#, SIU1_DSR#, SIU1_DCD#, and SIU1_RI#
low time
100
9
Table 53. LPC Timing
Sym
Parameter
Min
Max
Units
Notes
Fig
t150
LAD[3:0] Valid Delay from PCICLK Rising
2
11
ns
10
t151
LAD[3:0] Output Enable Delay from PCICLK Rising
2
ns
14
t152
LAD[3:0] Float Delay from PCICLK Rising
28
ns
12
t153
LAD[3:0] Setup Time to PCICLK Rising
7
ns
11
t154
LAD[3:0] Hold Time from PCICLK Rising
0
ns
11
t155
LDRQ[1:0]# Setup Time to PCICLK Rising
12
ns
11
t156
LDRQ[1:0]# Hold Time from PCICLK Rising
0
ns
11
t157
LFRAME# Valid Delay from PCICLK Rising
2
12
ns
10
Table 54. Miscellaneous Timings
Sym
Parameter
Min
Max
Units
Notes
Fig
t160
SERIRQ Setup Time to PCICLK Rising
7
ns
11
t161
SERIRQ Hold Time from PCICLK Rising
0
ns
11
t162
RI#, EXTSMI#, GPI, USB Resume Pulse Width
2
RTCCLK
13
t163
SPKR Valid Delay from OSC Rising
200
ns
10
t164
SERR# Active to NMI Active
200
ns
t165
IGNNE# Inactive from FERR# Inactive
230
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com