Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 35 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 35 Page - Intel Corporation

Back Button 82801E Datasheet HTML 31Page - Intel Corporation 82801E Datasheet HTML 32Page - Intel Corporation 82801E Datasheet HTML 33Page - Intel Corporation 82801E Datasheet HTML 34Page - Intel Corporation 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
35
TRDY#
I/O
Target Ready: TRDY# indicates the 82801E C-ICH’s ability as a Target to
complete the current data phase of the transaction. TRDY# is used in
conjunction with IRDY#. A data phase is completed when both TRDY# and
IRDY# are sampled asserted. During a read, TRDY# indicates that the
82801E C-ICH, as a Target, has placed valid data on AD[31:0]. During a write,
TRDY# indicates the 82801E C-ICH, as a Target is prepared to latch data.
TRDY# is an input to the 82801E C-ICH when the 82801E C-ICH is the
Initiator and an output from the 82801E C-ICH when the 82801E C-ICH is a
Target. TRDY# is tri-stated from the leading edge of PCIRST#. TRDY#
remains tri-stated by the 82801E C-ICH until driven by a target.
UART_CLK
I
Input clock to the SIU. This clock is passed to the baud clock generation logic
of each UART in the SIU.
USBP0P
USBP0N
USBP1P
USBP1N
I/O
Universal Serial Bus Port 1:0 Differential: These differential pairs are used
to transmit Data/Address/Command signals for ports 0 and 1.
V_CPU_IO
Powered by the same supply as the processor I/O voltage. This supply is
used to drive the processor interface outputs.
V5REF
Reference for 5 V tolerance on Core well inputs.
VBIAS
RTC well bias voltage. The DC reference voltage applied to this pin sets a
current that is mirrored throughout the oscillator and buffer circuitry. See
“External RTC Circuitry” on page 50.
Vcc1_8
1.8 V supply for Core well logic.
Vcc3_3
3.3 V supply for Core well I/O buffers.
VccRTC
3.3 V (can drop to 2.0 V minimum in the G3 state) supply for the RTC well.
This power is not expected to be shut off unless the RTC battery is removed
or completely drained.
NOTE: Implementations should not attempt to clear CMOS by using a
jumper to pull VccRTC low. Clearing CMOS in an 82801E
C-ICH-based platform can be done by using a jumper on RTCRST#
or GPI, or using SAFEMODE strap.
VRMPWRGD
I
VRM Power Good: This can be considered to be the CPU’s VRM power
good. This signal should be ANDed with the ATX power supply’s PWROK
signal.
Vss
Grounds.
Table 6.
82801E C-ICH Signal Description (Sheet 11 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com