Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 60 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 60 Page - Intel Corporation

Back Button 82801E Datasheet HTML 56Page - Intel Corporation 82801E Datasheet HTML 57Page - Intel Corporation 82801E Datasheet HTML 58Page - Intel Corporation 82801E Datasheet HTML 59Page - Intel Corporation 82801E Datasheet HTML 60Page - Intel Corporation 82801E Datasheet HTML 61Page - Intel Corporation 82801E Datasheet HTML 62Page - Intel Corporation 82801E Datasheet HTML 63Page - Intel Corporation 82801E Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
Intel® 82801E C-ICH
60
Advance Information Datasheet
VOH4/VOL4
PCI Signals: GNT[5]#/GNT[B]#/GPIO[17], GNT[A]#/GPIO[16]
LPC/FWH Signals: LAD[3:0]/FWH[3:0], LFRAME#/FWH[4]
LAN Signals: LAN0_RSTSYNC, LAN1_RSTSYNC, LAN0_TXD[2:0], LAN1_TXD[2:0]
GPIO Signals: GPIO[21]
VOL5/VOH5
SMBus Signals: SMBCLK, SMBDATA
System Management Signals: SMLINK[1:0]
Interrupt Signals: APICD[1:0]
VOL6/VOH6
EEPROM Signals: EE0_CS, EE1_CS, EE0_DOUT, EE1_DOUT, EE0_SHCLK,
EE1_SHCLK
Other Signals: SPKR
GPIO Signals: GPIO[28:27, 25:22, 20:18]
VOL7/VOH7
USB Signals: USBP0P, USBP0N, USBP1P, USBP1N
VOL8/VOH8
Hub Signals: HL[11:0], HL_STB#, HL_STB
Table 40. DC Output Characteristics
Symbol
Parameter
Min.
Max
Unit
I
OL /
I
OH
Notes
V
OL1
Output Low Voltage
0.5
V
4mA
V
OH1
Output High Voltage
2.4
V
-0.4 mA
V
OL2
Output Low Voltage
0.4
V
4.0 mA
V
OH2
Output High Voltage
V_CPU_IO – 0.13V
V
-0.5 mA
Note 1
V
OL3
Output Low Voltage
0.55
V
6 mA
V
OH3
Output High Voltage
2.4
V
-2 mA
Note 1
V
OL4
Output Low Voltage
0.1 Vcc
V
1.5 mA
V
OH4
Output High Voltage
0.9 Vcc
V
-0.5 mA
Note 1
V
OL5
Output Low Voltage
0.4
V
3.0 mA
V
OH5
Output High Voltage
N/A
V
Note 1
V
OL6
Output Low Voltage
0.4
V
4.0 mA
V
OH6
Output High Voltage
Vcc3_3 - 0.5
V
-2.0 mA
Note 1
V
OL7
Output Low Voltage
0.4
V
5mA
V
OH7
Output High Voltage
Vcc - 0.5
V
-2 mA
V
OL8
Output Low Voltage
0.1
× (Vcc1_8)
V
1 mA
Normal Mode
0.8
V
20 mA
Enhanced Mode
V
OH8
Output High Voltage
0.9
× (Vcc1_8)
V
-1 mA
Normal Mode
1.6
V
-1.5 mA
Enhanced Mode
NOTES:
1. The CPUPWRGD, SERR#, PIRQ[A:H], GPIO22/CPUPERF, APIC[1:0], SMBDATA, SMBCLK and
SMLINK[1:0] signals have an open drain driver, and the VOH specification does not apply. These signals
must have external pull-up resistors.
Table 39. DC Characteristic Output Signal Association (Sheet 2 of 2)
Symbol
Associated Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com