Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 61 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 61 Page - Intel Corporation

Back Button 82801E Datasheet HTML 57Page - Intel Corporation 82801E Datasheet HTML 58Page - Intel Corporation 82801E Datasheet HTML 59Page - Intel Corporation 82801E Datasheet HTML 60Page - Intel Corporation 82801E Datasheet HTML 61Page - Intel Corporation 82801E Datasheet HTML 62Page - Intel Corporation 82801E Datasheet HTML 63Page - Intel Corporation 82801E Datasheet HTML 64Page - Intel Corporation 82801E Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
61
Table 41. Other DC Characteristics
Symbol
Parameter
Min.
Max
Unit
Notes
V5REF
ICH2 Core Well Reference
Voltage
4.75
5.25
V
VCC3_3
I/O Buffer Voltage
3.102
3.498
V
VCC1_8
Internal Logic Voltage
1.7
1.9
V
HUBREF
Hub Interface Reference
Voltage
0.48
× (Vcc1.8) 0.52 × (Vcc1.8)
V
Normal Mode
0.64
× (Vcc1.8) 0.70 × (Vcc1.8)
V
Enhanced Mode
Vcc(RTC)
Battery Voltage
2.0
3.6
V
VIT+
Hysteresis Input Rising
Threshold
1.9
V
Applied to
USBP[1:0][P:N]
VIT-
Hysteresis Input Falling
Threshold
1.3
V
Applied to
USBP[1:0]P:N]
VDI
Differential Input Sensitivity
0.2
V
|(USBPx+,USBPx-)|
VCM
Differential Common Mode
Range
0.8
2.5
V
Includes VDI
VCRS
Output Signal Crossover
Voltage
1.3
2.0
V
VSE
Single Ended Rcvr Threshold
0.8
2.0
V
ILI1
Input Leakage Current
-1.0
+1.0
µA
ILI2
Hi-Z State Data Line Leakage
-10
+10
µA
(0 V< VIN< 3.3V)
ILI3
Input Leakage Current - Clock
signals
-100
+100
µA
See Note
CIN
Input Capacitance - Hub
interface
Input Capacitance - All Other
8
12
pF
FC = 1 MHz
COUT
Output Capacitance
12
pF
FC = 1 MHz
CI/O
I/O Capacitance
12
pF
FC = 1 MHz
CL
Crystal Load Capacitance
pF
2.5 – 6 pF Typical
NOTES:
1. Includes APICCLK, CLK14, CLK48, CLK66, LAN_CLK and PCICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com