Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 47 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation 82801E Datasheet HTML 48Page - Intel Corporation 82801E Datasheet HTML 49Page - Intel Corporation 82801E Datasheet HTML 50Page - Intel Corporation 82801E Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
47
3.2.18
Miscellaneous Signals
3.2.19
General Purpose I/O
Table 24. Miscellaneous Signals
Name
Type
Description
HL[11]
I
No pull-up required. Use a no-stuff or a test point for NAND tree testing.
RTCRST#
I
RTC Reset: When asserted, this signal resets register bits in the RTC well and
sets the RTC_PWR_STS bit (bit 2 in GEN_PMCON3 register). This signal is also
used to enter the test modes documented in “Test Signals” on page 49.
NOTE: Clearing CMOS in an 82801E C-ICH-based platform can be done by
using a jumper on RTCRST# or GPI, or using SAFEMODE strap.
Implementations should not attempt to clear CMOS by using a jumper to
pull VccRTC low.
SPKR
O
Speaker: The SPKR signal is the output of counter 2 and is internally ANDed with
Port 61h bit 1 to provide Speaker Data Enable. This signal drives an external
speaker driver device, which in turn drives the system speaker. Upon PCIRST#, its
output state is 1.
NOTE: SPKR is sampled at the rising edge of PWROK as a functional strap. See
“Functional Straps” on page 49for more details.
TP0
I
Test Point 0: This signal must have an external pull-up to Vcc3_3.
THRM#
I
Thermal Alarm: THRM# is an active low signal generated by external hardware to
start the hardware clock throttling mode. This signal can also generate an SMI# or
an SCI.
RI#
I
Ring Indicate: From the modem interface. This signal can be enabled as a wake
event; this is preserved across power failures.
RESERVED1
RESERVED2
—
This signal must have an external pull up to Vcc3_3.
SUSCLK
O
Suspend Clock: This signal is an output of the RTC generator circuit and is used
by other chips for the refresh clock.
TP1
I
Test Point 1: Route to a test point with option to jumper to Vcc1_8. Used for
NAND tree testing. Otherwise jumper to Vcc1_8.
TP2
I
Test Point 2: Route to a test point with option to jumper to VSS. Used for NAND
tree testing. Otherwise jumper to VSS.
TP3
I
Test Point 3: Route to a test point with option to jumper to VSS. Used for NAND
tree testing. Otherwise jumper to VSS.
Table 25. General Purpose I/O Signals (Sheet 1 of 2)
Name
Type
Description
GPIO[31:29]
O
Not implemented.
GPIO[28:27]
I/O
Can be input or output. Main power well. Unmuxed.
GPIO[26]
I/O
Not implemented.
GPIO[25]
I/O
Can be input or output. Main power well. Not Muxed.
GPIO[24]
I/O
Can be input or output. Main power well.
GPIO[23]
O
Fixed as Output only. Main power well.
GPIO[22]
OD
Fixed as Output only. Main power well. Open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com