Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 25 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 25 Page - Intel Corporation

Back Button 82801E Datasheet HTML 21Page - Intel Corporation 82801E Datasheet HTML 22Page - Intel Corporation 82801E Datasheet HTML 23Page - Intel Corporation 82801E Datasheet HTML 24Page - Intel Corporation 82801E Datasheet HTML 25Page - Intel Corporation 82801E Datasheet HTML 26Page - Intel Corporation 82801E Datasheet HTML 27Page - Intel Corporation 82801E Datasheet HTML 28Page - Intel Corporation 82801E Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
25
3.0
Signal Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “#” symbol at the end of the signal name indicates that the active, or asserted state occurs when
the signal is at a low voltage level. When “#” is not present, the signal is asserted when at the high
voltage level.
The following notations are used to describe the signal type:
I
Input pin
O
Output pin
OD
Open drain output pin.
I/O
Bidirectional input/output pin.
3.1
Alphabetical Signal Reference
Table 6.
82801E C-ICH Signal Description (Sheet 1 of 11)
Signal
Type
Description
A20GATE
I
A20 Gate: This signal is from the keyboard controller. It acts as an alternative
method to force the A20M# signal active. A20GATE eliminates the need for
the external OR gate needed with various other PCIsets.
A20M#
O
Mask A20: A20M# goes active based on setting the appropriate bit in the
Port 92h register, or based on the A20GATE signal.
Speed Strap: During the reset sequence, 82801E C-ICH drives A20M# high
if the corresponding bit is set in the FREQ_STRP register.
AD[31:0]
I/O
PCI Address/Data: AD[31:0] is a multiplexed address and data bus. During
the first clock of a transaction, AD[31:0] contain a physical address (32 bits).
During subsequent clocks, AD[31:0] contain data. The 82801E C-ICH drives
all 0s on AD[31:0] during the address phase of all PCI Special Cycles.
APICCLK
I
APIC Clock: The APIC clock runs at 33.333 MHz.
APICD[1:0]
I/OD
APIC Data: These bidirectional open drain signals are used to send and
receive data over the APIC bus. As inputs, the data is valid on the rising edge
of APICCLK. As outputs, new data is driven from the rising edge of the
APICCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com