Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 33 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82801E Datasheet HTML 29Page - Intel Corporation 82801E Datasheet HTML 30Page - Intel Corporation 82801E Datasheet HTML 31Page - Intel Corporation 82801E Datasheet HTML 32Page - Intel Corporation 82801E Datasheet HTML 33Page - Intel Corporation 82801E Datasheet HTML 34Page - Intel Corporation 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
33
SIU_LAD[3:0]
I/O
SIU LPC Multiplexed Command, Address, Data: Internal pull-ups are
provided.
SIU_LCLK
I
SIU LPC clock input to SIU: 33 MHz LPC clock.
SIU_LDRQ#
O
SIU LPC Serial DMA/Master Request Output: Used by SIU devices to
indicate a DMA request. These signals have weak internal pull-up resistors to
avoid external glue.
SIU_LFRAME#
I
SIU LPC Frame: Indicates the start of an LPC cycle, or an abort.
SIU_RESET#
I
SIU Reset: This signal should be tied to PCI RESET.
SIU_SERIRQ
I/O
SIU Serial IRQ input: This pin receives the serial interrupt protocol from
external devices. Pull up if unused.
SIU0_CTS#
SIU1_CTS#
I
Clear To Send: Active low, this pin indicates that data can be exchanged
between CICH and external interface. These pins have no effect on the
transmitter.
NOTE: These pins could be used as Modem Status Input whose condition
can be tested by the processor by reading bit 4 (CTS) of the Modem
Status register (MSR). Bit 4 is the complement of the CTS# signal.
Bit 0 (DCTS) of the MSR indicates whether the CTS# input has
changed state since the previous reading of the MSR. When the CTS
bit of the MSR changes state an interrupt is generated if the Modem
Status Interrupt is enabled.
SIU0_DCD#
SIU1_DCD#
I
Data Carrier Detect for UART0 and UART1: Active low, this pin indicates
that data carrier has been detected by the external agent.
NOTE: These pins are Modem Status Inputs whose condition can be tested
by the processor by reading bit 7 (DCD) of the Modem Status register
(MSR). Bit 7 is the complement of the DCD# signal. Bit 3 (DDCD) of
the MSR indicates whether the DCD# input has changed state since
the previous reading of the MSR. When the DCD bit of the MSR
changes state an interrupt is generated if the Modem Status Interrupt
is enabled.
SIU0_DSR#
SIU1_DSR#
I
Data Set Ready for UART0 and UART1: Active low, this pin indicates that
the external agent is ready to communicate with 82801E C-ICH UARTs.
These pins have no effect on the transmitter.
NOTE: These pins could be used as Modem Status Inputs whose condition
can be tested by the processor by reading bit 5 (DSR) of the Modem
Status register. Bit 5 is the complement of the DSR# signal. Bit 1
(DDSR) of the Modem status register (MSR) indicates whether the
DSR# input has changed state since the previous reading of the
MSR. When the DSR bit of the MSR changes state an interrupt is
generated if the Modem Status Interrupt is enabled.
SIU0_DTR#
SIU1_DTR#
O
Data Terminal Ready for UART0 and UART1: When low these pins informs
the modem or data set that CICH UART 0, 1 are ready to establish a
communication link. The DTR#x(x=0,1) output signals can be set to an active
low by programming the DTRx (x-0,1) (bit0) of the Modem control register to a
logic ‘1’. A Reset operation sets this signal to its inactive state (logic ‘1’).
LOOP mode operation holds this signal in its inactive state.
SIU0_RI#
SIU1_RI#
I
Ring Indicator for UART0 and UART1: Active low, this pin indicates that a
telephone ringing signal has been received by the external agent.
NOTE: These pins are Modem Status Input whose condition can be tested
by the processor by reading bit 6 (RI) of the Modem Status register
(MSR). Bit 6 is the complement of the RI# signal. Bit 2 (TERI) of the
MSR indicates whether the DCD# input has changed state since the
previous reading of the MSR. When the RI bit of the MSR changes
state an interrupt is generated if the Modem Status Interrupt is
enabled.
Table 6.
82801E C-ICH Signal Description (Sheet 9 of 11)
Signal
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com