Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 41 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
41
3.2.7
LPC Interface
3.2.8
Interrupt Interface
Table 13. LPC Interface Signals
Name
Type
Description
LAD[3:0]
/FWH[3:0]
I/O
LPC Multiplexed Command, Address, Data: Internal pull-ups are provided.
LFRAME#
/FWH[4]
O
LPC Frame: LFRAME# indicates the start of an LPC cycle, or an abort.
LDRQ[1:0]#
I
LPC Serial DMA/Master Request Inputs: These signals are used to request DMA or
bus master access. Typically, they are connected to external Super I/O device. An
internal pull-up resistor is provided on these signals.
Table 14. Interrupt Signals
Name
Type
Description
SERIRQ
I/O
Serial Interrupt Request: This pin implements the serial interrupt protocol.
PIRQ[A:D]#
I/OD
PCI Interrupt Requests: In Non-APIC Mode the PIRQx# signals can be routed
to interrupts 3:7, 9:12, 14, or 15 as described in the Interrupt Steering section.
Each PIRQx# line has a separate Route Control Register.
In APIC mode, these signals are connected to the internal I/O APIC in the
following fashion: PIRQ[A]# is connected to IRQ16, PIRQ[B]# to IRQ17,
PIRQ[C]# to IRQ18, and PIRQ[D]# to IRQ19. This frees the ISA interrupts.
PIRQ[E:F]#
PIRQ[G]#/GPIO[4]
PIRQ[H]#/GPIO[5]
I/OD
PCI Interrupt Requests: In Non-APIC Mode the PIRQx# signals can be routed
to interrupts 3:7, 9:12, 14 or 15 as described in the Interrupt Steering section.
Each PIRQx# line has a separate Route Control Register.
In APIC mode, these signals are connected to the internal I/O APIC in the
following fashion: PIRQ[E]# is connected to IRQ20, PIRQ[F]# to IRQ21,
PIRQ[G]# to IRQ22, and PIRQ[H]# to IRQ23. This frees the ISA interrupts. If
not needed for interrupts, PIRQ[H:G] can be used as GPIO.
IRQ[14:15]
I
Interrupt Request 14:15: These interrupt inputs are connected to the IDE
drives. IRQ14 is used by the drives connected to the primary controller and
IRQ15 is used by the drives connected to the secondary controller.
APICCLK
I
APIC Clock: The APIC clock runs at 33.333 MHz.
APICD[1:0]
I/OD
APIC Data: These bidirectional open drain signals are used to send and
receive data over the APIC bus. As inputs, the data is valid on the rising edge
of APICCLK. As outputs, new data is driven from the rising edge of the
APICCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com