Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 44 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 44 Page - Intel Corporation

Back Button 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation 82801E Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Intel® 82801E C-ICH
44
Advance Information Datasheet
3.2.12
SMBus Interface
3.2.13
System Management Interface
3.2.14
Real Time Clock Interface
RCIN#
I
Keyboard Controller Reset Processor: The keyboard controller can generate
INIT# to the processor. This saves the external OR gate with the 82801E C-ICH’s
other sources of INIT#. When the 82801E C-ICH detects the assertion of this
signal, INIT# is generated for 16 PCI clocks.
A20GATE
I
A20 Gate: This signal is from the keyboard controller. It acts as an alternative
method to force the A20M# signal active. A20GATE saves the external OR gate
needed with various other PCIsets.
CPUPWRGD
OD
Processor Power Good: This signal should be connected to the processor’s
PWRGOOD input. This is an open-drain output signal (external pull-up resistor
required) that represents a logical AND of the 82801E C-ICH’s PWROK and
VRMPWRGD signals.
Table 18. SMBus Interface Signals
Name
Type
Description
SMBDATA
I/OD
SMBus Data: External pull-up is required.
SMBCLK
I/OD
SMBus Clock: External pull-up is required.
SMBALERT#
/GPIO[11]
I
SMBus Alert: This signal is used to wake the system or generate an SMI#. If not
used for SMBALERT#, it can be used as a GPI.
Table 19. System Management Interface Signals
Name
Type
Description
INTRUDER#
I
Intruder Detect: This signal can be set to disable system if box detected open.
This signal’s status is readable, so it can be used like a GPI if the Intruder
Detection is not needed.
SMLINK[1:0]
I/OD
System Management Link: These signals are an SMBus link to an optional
external system management ASIC or LAN controller. External pull-ups are
required.
NOTE: SMLINK[0] corresponds to an SMBus Clock signal and SMLINK[1]
corresponds to an SMBus Data signal.
Table 20. Real Time Clock Interface
Name
Type
Description
RTCX1
Special
Crystal Input 1: This signal is connected to the 32.768 KHz crystal. If no
external crystal is used, then RTCX1 can be driven with the desired clock rate.
RTCX2
Special
Crystal Input 2: This signal is connected to the 32.768 KHz crystal. If no
external crystal is used, then RTCX2 should be left floating.
Table 17. Processor Interface Signals (Sheet 2 of 2)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com