Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 57 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 57 Page - Intel Corporation

Back Button 82801E Datasheet HTML 53Page - Intel Corporation 82801E Datasheet HTML 54Page - Intel Corporation 82801E Datasheet HTML 55Page - Intel Corporation 82801E Datasheet HTML 56Page - Intel Corporation 82801E Datasheet HTML 57Page - Intel Corporation 82801E Datasheet HTML 58Page - Intel Corporation 82801E Datasheet HTML 59Page - Intel Corporation 82801E Datasheet HTML 60Page - Intel Corporation 82801E Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
57
4.0
Electrical Characteristics
Note:
This document contains information on products in the sampling and initial production phases of
development. The specifications are subject to change without notice. Verify with your local Intel
sales office that you have the latest datasheet before finalizing a design.
4.1
Absolute Maximum Ratings
Note:
A non-condensing environment is required to maintain RTC accuracy.
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. See Section 4.2 for the Functional Operating Range of the 82801E
C-ICH.
4.2
Functional Operating Range
All of the AC and DC Characteristics specified in this document assume that the 82801E C-ICH
component is operating within the Functional Operating Range given in this section. Operation
outside of the Functional Operating Range is not recommended, and extended exposure outside of
the Functional Operating Range may affect component reliability.
Table 34. Absolute Maximum Ratings
Case Temperature under Bias
0º C to +109º C
Storage Temperature
-55º C to +150º C
Voltage on Any 3.3 V Pin with Respect to Ground
-0.5 to Vcc + 0.3 V
Voltage on Any 5 V Tolerant Pin with Respect to Ground
(VREF=5 V)
-0.5 to VREF + 0.3 V
1.8 V Supply Voltage with Respect to Vss
-0.5 to +2.7V
3.3 V Supply Voltage with Respect to Vss
-0.5 to +4.6 V
5.0 V Supply Voltage (Vref) with Respect to Vss
-0.5 to +5.5 V
Maximum Power Dissipation
2.0 W
Table 35. Functional Operating Range
Case Temperature under Bias
0º C to +109º C
1.8 V Supply Voltage (VCC1_8) with respect to Vss
1.7 V to 1.9 V
3.3 V Supply Voltage (VCC3_3) with respect to Vss
3.102 V to 3.498 V
5 V Supply Voltage (V5REF) with respect to Vss
4.75 V to 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com