Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 37 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 37 Page - Intel Corporation

Back Button 82801E Datasheet HTML 33Page - Intel Corporation 82801E Datasheet HTML 34Page - Intel Corporation 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
37
3.2.4
Firmware Hub Interface
3.2.5
PCI Interface
Table 10. Firmware Hub Interface Signals
Name
Type
Description
FWH[3:0]
/LAD[3:0]
I/O
Firmware Hub Signals: These signals are muxed with LPC address signals.
FWH[4]
/LFRAME#
I/O
Firmware Hub Signals: This signal is muxed with the LPC LFRAME# signal.
Table 11. PCI Interface Signals (Sheet 1 of 3)
Name
Type
Description
AD[31:0]
I/O
PCI Address/Data: AD[31:0] is a multiplexed address and data bus. During the first
clock of a transaction, AD[31:0] contain a physical address (32 bits). During
subsequent clocks, AD[31:0] contain data. The 82801E C-ICH drives all 0s on
AD[31:0] during the address phase of all PCI Special Cycles.
C/BE[3:0]#
I/O
Bus Command and Byte Enables: The command and byte enable signals are
multiplexed on the same PCI pins. During the address phase of a transaction,
C/BE[3:0]# define the bus command. During the data phase, C/BE[3:0]# define the
Byte Enables.
C/BE[3:0]#
Command Type
0000
Interrupt Acknowledge
0001
Special Cycle
0010
I/O Read
0011
I/O Write
0110
Memory Read
0111
Memory Write
1010
Configuration Read
1011
Configuration Write
1100
Memory Read Multiple
1101
DAC Mode Address to be latched (target only)
1110
Memory Read Line
1111
Memory Write and Invalidate
All command encodings not shown are reserved. The 82801E C-ICH does not
decode reserved values, and therefore will not respond if a PCI master generates a
cycle using one of the reserved values.
As a target, the 82801E C-ICH can support DAC mode addressing for 44 bits.
DEVSEL#
I/O
Device Select: The 82801E C-ICH asserts DEVSEL# to claim a PCI transaction.
As an output, the 82801E C-ICH asserts DEVSEL# when a PCI master peripheral
attempts an access to an internal 82801E C-ICH address or an address destined
for the hub interface (main memory or AGP). As an input, DEVSEL# indicates the
response to an 82801E C-ICH-initiated transaction on the PCI bus. DEVSEL# is
tri-stated from the leading edge of PCIRST#. DEVSEL# remains tri-stated by the
82801E C-ICH until driven by a target device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com