Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 80 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 80 Page - Intel Corporation

Back Button 82801E Datasheet HTML 76Page - Intel Corporation 82801E Datasheet HTML 77Page - Intel Corporation 82801E Datasheet HTML 78Page - Intel Corporation 82801E Datasheet HTML 79Page - Intel Corporation 82801E Datasheet HTML 80Page - Intel Corporation 82801E Datasheet HTML 81Page - Intel Corporation 82801E Datasheet HTML 82Page - Intel Corporation 82801E Datasheet HTML 83Page - Intel Corporation 82801E Datasheet HTML 84Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Intel® 82801E C-ICH
80
Advance Information Datasheet
Table 58.
XOR Chain #2; Chain 2-1 and
Chain 2-2
(RTCRST# Asserted for Five PCI Clocks while
PWROK Active)
Pin Name
Ball #
Notes
AD_18
D5
Top of XOR Chain 2
AD_22
B3
Second signal in
XOR
AD_16
B2
STOP#
D4
PAR
C3
FRAME#
B1
AD_20
C2
AD_15
D3
TRDY#
E4
AD_11
F5
AD_13
C1
AD_4
D2
AD_9
E3
C/BE[0]#
F4
AD_2
G5
AD_6
F3
AD_3
G4
AD_0
E1
AD_5
H5
AD_10
F2
AD_7
F1
AD_1
H4
AD_12
G2
AD_8
H3
SERR#
G1
AD_14
H2
PERR#
J4
C/BE[1]#
H1
DEVSEL#
J3
PLOCK#
K5
C/BE[2]#
J2
IRDY#
K4
AD_17
K3
AD_19
K2
AD_23
K1
AD_21
L5
C/BE[3]#
L4
AD_25
L2
AD_27
L1
AD_29
M1
AD_31
M2
REQ3#
M4
GPIO[6]
M3
GPIO[7]
N2
Out XOR Chain 2-1
GPIO[27]
N3
In XOR Chain 2-2
GPIO[28]
N4
GPIO[8]
P1
GPIO[12]
P2
GPIO[13]
P3
PCIRST#
R1
RESERVED1
P4
GPIO[25]
R2
SMBCLK
T2
SMBDATA
R4
SMBALERT#
/GPIO11
U1
NC[11]
U2
NC[12]
T4
NC[10]
V1
SUSCLK
U3
USBP0P
U4
USBP0N
T5
USBP1P
W1
USBP1N
V2
NC[9]
W2
NC[6]
V4
NC[7]
W3
NC[8]
Y2
OC1#
W4
VSS
AB2
RESERVED2
Y4
TP[1]
AA5
XOR Chain #2
Output, (Chain 2-2)
Table 58.
XOR Chain #2; Chain 2-1 and
Chain 2-2
(RTCRST# Asserted for Five PCI Clocks while
PWROK Active)
Pin Name
Ball #
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com