Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 38 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82801E Datasheet HTML 34Page - Intel Corporation 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
Intel® 82801E C-ICH
38
Advance Information Datasheet
FRAME#
I/O
Cycle Frame: The current Initiator drives FRAME# to indicate the beginning and
duration of a PCI transaction. While the initiator asserts FRAME#, data transfers
continue. When the initiator negates FRAME#, the transaction is in the final data
phase. FRAME# is an input to the 82801E C-ICH when the 82801E C-ICH is the
target, and FRAME# is an output from the 82801E C-ICH when the 82801E C-ICH
is the Initiator. FRAME# remains tri-stated by the 82801E C-ICH until driven by an
Initiator.
IRDY#
I/O
Initiator Ready: IRDY# indicates the 82801E C-ICH’s ability, as an Initiator, to
complete the current data phase of the transaction. It is used in conjunction with
TRDY#. A data phase is completed on any clock both IRDY# and TRDY# are
sampled asserted. During a write, IRDY# indicates the 82801E C-ICH has valid
data present on AD[31:0]. During a read, it indicates the 82801E C-ICH is prepared
to latch data. IRDY# is an input to the 82801E C-ICH when the 82801E C-ICH is the
Target and an output from the 82801E C-ICH when the 82801E C-ICH is an
Initiator. IRDY# remains tri-stated by the 82801E C-ICH until driven by an Initiator.
TRDY#
I/O
Target Ready: TRDY# indicates the 82801E C-ICH’s ability as a Target to complete
the current data phase of the transaction. TRDY# is used in conjunction with
IRDY#. A data phase is completed when both TRDY# and IRDY# are sampled
asserted. During a read, TRDY# indicates that the 82801E C-ICH, as a Target, has
placed valid data on AD[31:0]. During a write, TRDY# indicates the 82801E C-ICH,
as a Target is prepared to latch data. TRDY# is an input to the 82801E C-ICH when
the 82801E C-ICH is the Initiator and an output from the 82801E C-ICH when the
82801E C-ICH is a Target. TRDY# is tri-stated from the leading edge of PCIRST#.
TRDY# remains tri-stated by the 82801E C-ICH until driven by a target.
STOP#
I/O
Stop: STOP# indicates that the 82801E C-ICH, as a Target, is requesting the
Initiator to stop the current transaction. STOP# causes the 82801E C-ICH, as an
Initiator, to stop the current transaction. STOP# is an output when the 82801E
C-ICH is a target and an input when the 82801E C-ICH is an Initiator. STOP# is
tri-stated from the leading edge of PCIRST#. STOP# remains tri-stated until driven
by the 82801E C-ICH.
PAR
I/O
Calculated/Checked Parity: PAR uses “even” parity calculated on 36 bits,
AD[31:0] plus C/BE[3:0]#. “Even” parity means that the 82801E C-ICH counts the
number of 1s within the 36 bits plus PAR and the sum is always even. The 82801E
C-ICH always calculates PAR on 36 bits, regardless of the valid byte enables. The
82801E C-ICH generates PAR for address and data phases and only guarantees
PAR to be valid one PCI clock after the corresponding address or data phase. The
82801E C-ICH drives and tri-states PAR identically to the AD[31:0] lines except that
the 82801E C-ICH delays PAR by exactly one PCI clock. PAR is an output during
the address phase (delayed one clock) for all 82801E C-ICH initiated transactions.
PAR is an output during the data phase (delayed one clock) when the 82801E
C-ICH is the Initiator of a PCI write transaction, and when it is the target of a read
transaction. 82801E C-ICH checks parity when it is the target of a PCI write
transaction. If a parity error is detected, the 82801E C-ICH sets the appropriate
internal status bits, and has the option to generate an NMI# or SMI#.
PERR#
I/O
Parity Error: An external PCI device drives PERR# when it receives data that has
a parity error. The 82801E C-ICH drives PERR# when it detects a parity error. The
ICH can either generate an NMI# or SMI# upon detecting a parity error (either
detected internally or reported via the PERR# signal).
REQ[3:0]#
/REQ[5]#
/REQ[B]#
/GPIO[1]
I
PCI Requests: The 82801E C-ICH supports up to five masters on the PCI bus.
REQ[5]# is muxed with PC/PCI REQ[B]# (must choose one or the other, but not
both). If not used for PCI or PC/PCI, REQ[5]#/REQ[B]# can instead be used as
GPIO[1].
NOTE: REQ[0]# is programmable to have improved arbitration latency for
supporting PCI-based 1394 controllers.
Table 11. PCI Interface Signals (Sheet 2 of 3)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com