Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 74 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 74 Page - Intel Corporation

Back Button 82801E Datasheet HTML 70Page - Intel Corporation 82801E Datasheet HTML 71Page - Intel Corporation 82801E Datasheet HTML 72Page - Intel Corporation 82801E Datasheet HTML 73Page - Intel Corporation 82801E Datasheet HTML 74Page - Intel Corporation 82801E Datasheet HTML 75Page - Intel Corporation 82801E Datasheet HTML 76Page - Intel Corporation 82801E Datasheet HTML 77Page - Intel Corporation 82801E Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
Intel® 82801E C-ICH
74
Advance Information Datasheet
Figure 19. Ultra ATA Mode (Pausing a DMA Burst)
Figure 20. Ultra ATA Mode (Terminating a DMA Burst)
Figure 21. USB Rise and Fall Times
t90
STROBE
DATA
STOP (host)
DMARDY#
t88
STOP (host)
Strobe (host)
DMARDY# (drive)
DATA (host)
DMACK# (host)
t91
t87
DMARQ (drive)
CRC
Full Speed: 4 to 20 ns at C
L = 50 pF
Differential
Data Lines
90%
10%
10%
90%
t122
t123
Rise Time
Fall Time
Low Speed: 75 ns at C
L = 50 pF, 300 ns at CL = 350 pF
C
L
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com