Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 36 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 36 Page - Intel Corporation

Back Button 82801E Datasheet HTML 32Page - Intel Corporation 82801E Datasheet HTML 33Page - Intel Corporation 82801E Datasheet HTML 34Page - Intel Corporation 82801E Datasheet HTML 35Page - Intel Corporation 82801E Datasheet HTML 36Page - Intel Corporation 82801E Datasheet HTML 37Page - Intel Corporation 82801E Datasheet HTML 38Page - Intel Corporation 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
Intel® 82801E C-ICH
36
Advance Information Datasheet
3.2
Signals Grouped By Type
3.2.1
Hub Interface to Host Controller
3.2.2
Link to LAN Connect
3.2.3
EEPROM Interface
Table 7.
Hub Interface Signals
Name
Type
Description
HL[11:0]
I/O
Hub Interface Signals
HL_STB
I/O
Hub Interface Strobe: One of two differential strobe signals used to transmit and
receive data through the hub interface.
HL_STB#
I/O
Hub Interface Strobe Complement: Second of the two differential strobe signals.
HLCOMP
I/O
Hub Interface Compensation: Used for hub interface buffer compensation.
Table 8.
LAN Interface
Name
Type
Description
LAN0_CLK
LAN1_CLK
I
LAN Interface Clock: This signal is driven by the LAN Connect component. The
frequency range is 0.8 MHz to 50 MHz.
LAN0_RSTSYNC
LAN1_RSTSYNC
O
LAN Reset/Sync: The LAN Connect component’s Reset and Sync signals are
multiplexed onto this pin.
LAN0_RXD[2:0]
LAN1_RXD[2:0]
I
Received Data: The LAN Connect component uses these signals to transfer
data and control information to the integrated LAN Controller. These signals
have integrated weak pull-up resistors.
LAN0_TXD[2:0]
LAN1_TXD[2:0]
O
Transmit Data: The integrated LAN Controller uses these signals to transfer
data and control information to the LAN Connect component.
Table 9.
EEPROM Interface
Name
Type
Description
EE0_CS
EE1_CS
O
EEPROM Chip Select: These signals are chip-select signals to the EEPROMs.
EE0_DIN
EE1_DIN
I
EEPROM Data In: These signals transfer data from the EEPROMs to the 82801E
C-ICH. These signals have an integrated pull-up resistor.
EE0_DOUT
EE1_DOUT
O
EEPROM Data Out: These signals transfer data from the 82801E C-ICH to the
EEPROMs.
EE0_SHCLK
EE1_SHCLK
O
EEPROM Shift Clock: These signals are the serial shift clock output to the
EEPROMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com