Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 56 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82801E Datasheet HTML 52Page - Intel Corporation 82801E Datasheet HTML 53Page - Intel Corporation 82801E Datasheet HTML 54Page - Intel Corporation 82801E Datasheet HTML 55Page - Intel Corporation 82801E Datasheet HTML 56Page - Intel Corporation 82801E Datasheet HTML 57Page - Intel Corporation 82801E Datasheet HTML 58Page - Intel Corporation 82801E Datasheet HTML 59Page - Intel Corporation 82801E Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
Intel® 82801E C-ICH
56
Advance Information Datasheet
Table 33. Power Plane for Input Signals
Signal Name
Power Well
Driver During Reset
A20GATE
Main I/O
External Microcontroller
APICCLK
Main I/O
Clock Generator
CLK14
Main I/O
Clock Generator
CLK48
Main I/O
Clock Generator
CLK66
Main Logic
Clock Generator
EE0_DIN,
EE1_DIN
LAN I/O
EEPROM component
FERR#
Main I/O
CPU
INTRUDER#
RTC
External Switch
IRQ[15:14]
Main I/O
IDE
LAN0_CLK,
LAN1_CLK
LAN I/O
LAN Connect component
RSM_PWROK
Main I/O
External RC Circuit
LAN0_RXD[2:0],
LAN1_RXD[2:0]
LAN I/O
LAN Connect component
LDRQ[0]#
Main I/O
LPC Devices
LDRQ[1]#
Main I/O
LPC Devices
OC[1:0]#
Main I/O
External Pull-Ups
PCICLK
Main I/O
Clock Generator
PDDREQ
Main I/O
IDE Device
PIORDY
Main I/O
IDE Device
PWROK
Main I/O
System Power Supply
RCIN#
Main I/O
External Microcontroller
REQ[3:0]#,
REQ[5]#
Main I/O
PCI Master
REQ[B:A]#
Main I/O
PC/PCI Devices
RI#
Main I/O
Serial Port Buffer
RSMRST#
RTC
External RC circuit
RTCRST#
RTC
External RC circuit
SDDREQ
Main I/O
IDE Drive
SERR#
Main I/O
PCI Bus Peripherals
SIORDY
Main I/O
IDE Drive
SMBALERT#
Main I/O
External pull-up
THRM#
Main I/O
Thermal Sensor
VRMPWRGD
Main I/O
CPU Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com