Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82801E Datasheet(PDF) 70 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 70 Page - Intel Corporation

Back Button 82801E Datasheet HTML 66Page - Intel Corporation 82801E Datasheet HTML 67Page - Intel Corporation 82801E Datasheet HTML 68Page - Intel Corporation 82801E Datasheet HTML 69Page - Intel Corporation 82801E Datasheet HTML 70Page - Intel Corporation 82801E Datasheet HTML 71Page - Intel Corporation 82801E Datasheet HTML 72Page - Intel Corporation 82801E Datasheet HTML 73Page - Intel Corporation 82801E Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Intel® 82801E C-ICH
70
Advance Information Datasheet
4.5
Timing Diagrams
Table 55. Power Sequencing and Reset Signal Timings
Sym
Parameter
Min
Max
Units
Notes
Fig
t170
VccRTC active to RTCRST# inactive
5
-
ms
26
t171
VccRTC supply active to Vcc supplies active
0
-
ms
3
26
t172
V5Ref active to Vcc3_3, Vcc1_8 active
0
-
ms
1, 2
26, 27
t173
Vcc supplies active to PWROK, VRMPWRGD
active
10
-
ms
2
26, 27
t174
AC_RST# active low pulse width
1
µs
t175
AC_RST# inactive to BIT_CLK startup delay
162.8
ns
NOTES:
1. The V5Ref supply must power up before or simultaneous with its associated 3.3 V supply, and must power
down simultaneous with or after the 3.3V supply. See Section 3.3.4 for details.
2. The associated 3.3 V and 1.8 V supplies are assumed to power up or down together. The difference
between the levels of the 3.3 V and 1.8 V supplies must never be greater than 2.0V.
3. The Vcc supplies must never be active while the VccRTC supply is inactive.
Figure 9. Clock Timing
Figure 10. Valid Delay From Rising Clock Edge
2.0V
0.8V
Period
High Time
Low Time
Fall Time
Rise Time
Clock
1.5V
Valid Delay
VT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com