Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 14Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 15Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 16Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 17Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 18Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 19Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 20Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 21Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 222 page
background image
18
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Terminal Configuration and Functions
Copyright © 2013–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
ADCINA0
U1
43
25
I
ADC-A input 0. There is a 50-kΩ internal pulldown on
this pin in both an ADC input or DAC output mode which
cannot be disabled.
DACOUTA
O
DAC-A output
ADCINA1
T1
42
24
I
ADC-A input 1. There is a 50-kΩ internal pulldown on
this pin in both an ADC input or DAC output mode which
cannot be disabled.
DACOUTB
O
DAC-B output
ADCINA2
U2
41
23
I
ADC-A input 2
CMPIN1P
I
Comparator 1 positive input
ADCINA3
T2
40
22
I
ADC-A input 3
CMPIN1N
I
Comparator 1 negative input
ADCINA4
U3
39
21
I
ADC-A input 4
CMPIN2P
I
Comparator 2 positive input
ADCINA5
T3
38
20
I
ADC-A input 5
CMPIN2N
I
Comparator 2 negative input
ADCINB0
V2
46
28
I
ADC-B input 0. There is a 100-pF capacitor to VSSA on
this pin in both ADC input or DAC reference mode which
cannot be disabled. If this pin is being used as a
reference for the on-chip DACs, place at least a 1-µF
capacitor on this pin.
VDAC
I
Optional external reference voltage for on-chip DACs.
There is a 100-pF capacitor to VSSA on this pin in both
ADC input or DAC reference mode which cannot be
disabled. If this pin is being used as a reference for the
on-chip DACs, place at least a 1-µF capacitor on this
pin.
ADCINB1
W2
47
29
I
ADC-B input 1. There is a 50-kΩ internal pulldown on
this pin in both an ADC input or DAC output mode which
cannot be disabled.
DACOUTC
O
DAC-C output
ADCINB2
V3
48
30
I
ADC-B input 2
CMPIN3P
I
Comparator 3 positive input
ADCINB3
W3
49
31
I
ADC-B input 3
CMPIN3N
I
Comparator 3 negative input
ADCINB4
V4
–
32
I
ADC-B input 4
ADCINB5
W4
–
33
I
ADC-B input 5
ADCINC2
R3
31
–
I
ADC-C input 2
CMPIN6P
I
Comparator 6 positive input
ADCINC3
P3
30
–
I
ADC-C input 3
CMPIN6N
I
Comparator 6 negative input
ADCINC4
R4
29
–
I
ADC-C input 4
CMPIN5P
I
Comparator 5 positive input
ADCINC5
P4
–
–
I
ADC-C input 5
CMPIN5N
I
Comparator 5 negative input
ADCIND0
T5
56
–
I
ADC-D input 0
CMPIN7P
I
Comparator 7 positive input
ADCIND1
U5
57
–
I
ADC-D input 1
CMPIN7N
I
Comparator 7 negative input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com