Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28375DPZP Datasheet HTML 1Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 2Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 3Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 4Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 5Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 6Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 7Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 8Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 222 page
background image
3
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Device Overview
Copyright © 2013–2018, Texas Instruments Incorporated
Performance analog and control peripherals are also integrated on the F2837xD MCU to further enable
system consolidation. Four independent 16-bit ADCs provide precise and efficient management of multiple
analog signals, which ultimately boosts system throughput. The new sigma-delta filter module (SDFM)
works in conjunction with the sigma-delta modulator to enable isolated current shunt measurements. The
Comparator Subsystem (CMPSS) with windowed comparators allows for protection of power stages when
current limit conditions are exceeded or not met. Other analog and control peripherals include DACs,
PWMs, eCAPs, eQEPs, and other peripherals.
Peripherals such as EMIFs, CAN modules (ISO 11898-1/CAN 2.0B-compliant), and a new uPP interface
extend the connectivity of the F2837xD. The uPP interface is a new feature of the C2000™ MCUs and
supports high-speed parallel connection to FPGAs or other processors with similar uPP interfaces. Lastly,
a USB 2.0 port with MAC and PHY lets users easily add universal serial bus (USB) connectivity to their
application.
To learn more about the C2000 MCUs, visit the C2000 Overview at www.ti.com/c2000.
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28379DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28377DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28376DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28375DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28374DZWT
nFBGA (337)
16.0 mm × 16.0 mm
TMS320F28379DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28378DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28377DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28376DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28375DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28374DPTP
HLQFP (176)
24.0 mm × 24.0 mm
TMS320F28375DPZP
HTQFP (100)
14.0 mm × 14.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com