Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 48Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 49Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 50Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 51Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 52Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 53Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 54Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 55Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 222 page
background image
52
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
5.5
Power Consumption Summary
Current values listed in this section are representative for the test conditions given and not the absolute
maximum possible. The actual device currents in an application will vary with application code and pin
configurations. Table 5-1 shows the device current consumption at 200-MHz SYSCLK.
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
TYP: Vnom, 30°C
(3)
MAX: Vmax, 125°C
(4)
The following is executed in a loop on CPU1:
•
All of the communication peripherals are exercised in loop-back mode: CAN-A to CAN-B; SPI-A to SPI-C; SCI-A to SCI-D; I2C-A to
I2C-B; McBSP-A to McBSP-B; USB
•
SDFM1 to SDFM4 active
•
ePWM1 to ePWM12 generate 400-kHz PWM output on 24 pins
•
CPU TIMERs active
•
DMA does 32-bit burst transfers
•
CLA1 does multiply-accumulate tasks
•
All ADCs perform continuous conversion
•
All DACs ramp voltage up/down at 150 kHz
•
CMPSS1 to CMPSS8 active
The following is executed in a loop on CPU2:
•
CPU TIMERs active
•
CLA1 does multiply-accumulate tasks
•
VCU does complex multiply/accumulate with parallel load
•
TMU calculates a cosine
•
FPU does multiply/accumulate with parallel load
(5)
CPU2 must go into IDLE mode before CPU1 enters HALT mode.
(6)
CPU2 must go into reset/IDLE/STANDBY mode before CPU1 enters HIBERNATE mode.
(7)
Brownout events during flash programming can corrupt flash data. Programming environments using alternate power sources (such as a
USB programmer) must be capable of supplying the rated current for the device and other system components with sufficient margin to
avoid supply brownout conditions.
Table 5-1. Device Current Consumption at 200-MHz SYSCLK
MODE
TEST CONDITIONS
IDD
IDDIO
(1)
IDDA
IDD3VFL
TYP(2)
MAX(3)
TYP(2)
MAX(3)
TYP(2)
MAX(3)
TYP(2)
MAX(3)
Operational
•
Code is running out of RAM.(4)
•
All I/O pins are left unconnected.
•
Peripherals not active have their
clocks disabled.
•
FLASH is read and in active state.
•
XCLKOUT is enabled at SYSCLK/4.
325 mA
495 mA
30 mA
13 mA
20 mA
33 mA
40 mA
IDLE
•
Both CPU1 and CPU2 are in IDLE
mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
105 mA
250 mA
3 mA
10 mA
10 µA
150 µA
10 µA
150 µA
STANDBY
•
Both CPU1 and CPU2 are in
STANDBY mode.
•
Flash is powered down.
•
XCLKOUT is turned off.
30 mA
170 mA
3 mA
10 mA
5 µA
150 µA
10 µA
150 µA
HALT(5)
•
CPU1 watchdog is running.
•
Flash is powered down.
•
XCLKOUT is turned off.
1.5 mA
120 mA
750 µA
2 mA
5 µA
150 µA
10 µA
150 µA
HIBERNATE(6)
•
CPU1.M0 and CPU1.M1 RAMs are in
low-power data retention mode.
•
CPU2.M0 and CPU2.M1 RAMs are in
low-power data retention mode.
300 µA
5 mA
750 µA
2 mA
5 µA
75 µA
1 µA
50 µA
Flash
Erase/Program(7)
•
CPU1 is running from RAM.
•
CPU2 is running from Flash.
•
All I/O pins are left unconnected.
•
Peripheral clocks are disabled.
•
CPU1 is performing Flash Erase and
Programming.
•
CPU2 is accessing Flash locations to
keep bank active.
•
XCLKOUT is turned off.
242 mA
360 mA
3 mA
10 mA
10 µA
150 µA
53 mA
65 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com