Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 55Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 56Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 57Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 58Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 59Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 60Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 61Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 62Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 222 page
background image
59
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
5.9
System
5.9.1
Power Sequencing
5.9.1.1
Signal Pin Requirements
Before powering the device, no voltage larger than 0.3 V above VDDIO can be applied to any digital pin,
and no voltage larger than 0.3 V above VDDA can be applied to any analog pin (including VREFHI).
5.9.1.2
VDDIO, VDDA, VDD3VFL, and VDDOSC Requirements
The 3.3-V supplies should be powered up together and kept within 0.3 V of each other during functional
operation.
5.9.1.3
VDD Requirements
The internal VREG is not supported. The VREGENZ pin must be tied to VDDIO and an external source
used to supply 1.2 V to VDD. During the ramp, VDD should be kept no more than 0.3 V above VDDIO.
VDDOSC and VDD must be powered on and off at the same time. VDDOSC should not be powered on when
VDD is off. For applications not powering VDDOSC and VDD at the same time, see the "INTOSC: VDDOSC
Powered Without VDD Can Cause INTOSC Frequency Drift" advisory in the TMS320F2837xD Dual-Core
Delfino™ MCUs Silicon Errata.
There is an internal 12.8-mA current source from VDD3VFL to VDD when the flash banks are active. When
the flash banks are active and the device is in a low-activity state (for example, a low-power mode), this
internal current source can cause VDD to rise to approximately 1.3 V. There will be zero current load to the
external system VDD regulator while in this condition. This is not an issue for most regulators; however, if
the system voltage regulator requires a minimum load for proper operation, then an external 82Ω resistor
can be added to the board to ensure a minimal current load on VDD. See the "Low-Power Modes: Power
Down Flash or Maintain Minimum Device Activity" advisory in the TMS320F2837xD Dual-Core Delfino™
MCUs Silicon Errata.
5.9.1.4
Supply Ramp Rate
The supplies should ramp to full rail within 10 ms. Table 5-3 shows the supply ramp rate.
Table 5-3. Supply Ramp Rate
MIN
MAX
UNIT
Supply ramp rate
VDDIO, VDD, VDDA, VDD3VFL, VDDOSC with respect to VSS
330
105
V/s
5.9.1.5
Supply Supervision
An internal power-on-reset (POR) circuit keeps the I/Os in a high-impedance state during power up.
External supply voltage supervisors (SVS) can be used to monitor the voltage on the 3.3-V and 1.2-V rails
and drive XRS low when supplies are outside operational specifications.
5.9.2
Reset Timing
XRS is the device reset pin. It functions as an input and open-drain output. The device has a built-in
power-on reset (POR). During power up, the POR circuit drives the XRS pin low. A watchdog or NMI
watchdog reset also drives the pin low. An external circuit may drive the pin to assert a device reset.
A resistor with a value from 2.2 kΩ to 10 kΩ should be placed between XRS and VDDIO. A capacitor should
be placed between XRS and VSS for noise filtering; the capacitance should be 100 nF or smaller. These
values will allow the watchdog to properly drive the XRS pin to VOL within 512 OSCCLK cycles when the
watchdog reset is asserted. Figure 5-4 shows the recommended reset circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com