Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 74Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 75Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 76Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 77Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 78Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 79Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 80Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 81Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 222 page
background image
78
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
5.9.8
Low-Power Modes
This device has three clock-gating low-power modes and a special power-gating mode.
Further details, as well as the entry and exit procedure, for all of the low-power modes can be found in the
Low Power Modes section of the TMS320F2837xD Dual-Core Delfino Microcontrollers Technical
Reference Manual.
5.9.8.1
Clock-Gating Low-Power Modes
IDLE, STANDBY, and HALT modes on this device are similar to those on other C28x devices. Table 5-27
describes the effect on the system when any of the clock-gating low-power modes are entered.
Table 5-27. Effect of Clock-Gating Low-Power Modes on the Device
MODULES/
CLOCK DOMAIN
CPU1 IDLE
CPU1 STANDBY
CPU2 IDLE
CPU2 STANDBY
HALT
CPU1.CLKIN
Active
Gated
N/A
N/A
Gated
CPU1.SYSCLK
Active
Gated
N/A
N/A
Gated
CPU1.CPUCLK
Gated
Gated
N/A
N/A
Gated
CPU2.CLKIN
N/A
N/A
Active
Gated
Gated
CPU2.SYSCLK
N/A
N/A
Active
Gated
Gated
CPU2.CPUCLK
N/A
N/A
Gated
Gated
Gated
Clock to modules
Connected to
PERx.SYSCLK
Active
Gated if
CPUSEL.PERx =
CPU1
Active
Gated if
CPUSEL.PERx =
CPU2
Gated
CPU1.WDCLK
Active
Active
N/A
N/A
Gated if
CLKSRCCTL1.WDHALTI = 0
CPU2.WDCLK
N/A
N/A
Active
Active
Gated
AUXPLLCLK
Active
Active
Active
Active
Gated
PLL
Powered
Powered
Powered
Powered
Software must power down PLL
before entering HALT
INTOSC1
Powered
Powered
Powered
Powered
Powered down if
CLKSRCCTL1.WDHALTI = 0
INTOSC2
Powered
Powered
Powered
Powered
Powered down if
CLKSRCCTL1.WDHALTI = 0
Flash
Powered
Powered
Powered
Powered
Software-Controlled
X1/X2 Crystal
Oscillator
Powered
Powered
Powered
Powered
Powered-Down
5.9.8.2
Power-Gating Low-Power Modes
HIBERNATE mode is the lowest power mode on this device. It is a global low-power mode that gates the
supply voltages to most of the system. HIBERNATE is essentially a controlled power-down with remote
wakeup capability, and can be used to save power during long periods of inactivity. Table 5-28 describes
the effects on the system when the HIBERNATE mode is entered.
Table 5-28. Effect of Power-Gating Low-Power Mode on the Device
MODULES/POWER DOMAINS
HIBERNATE
M0 and M1 memories
●
Remain on with memory retention if LPMCR.M0M1MODE = 0x00
●
Are off when LPMCR.M0M1MODE = 0x01
CPU1, CPU2, digital peripherals
Powered down
Dx, LSx, GSx memories
Power down, memory contents are lost
I/Os
On with output state preserved
Oscillators, PLL, analog
peripherals, Flash
Enters Low-Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com