Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 94 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 94 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 90Page - ASIX Electronics Corporation AX58200 Datasheet HTML 91Page - ASIX Electronics Corporation AX58200 Datasheet HTML 92Page - ASIX Electronics Corporation AX58200 Datasheet HTML 93Page - ASIX Electronics Corporation AX58200 Datasheet HTML 94Page - ASIX Electronics Corporation AX58200 Datasheet HTML 95Page - ASIX Electronics Corporation AX58200 Datasheet HTML 96Page - ASIX Electronics Corporation AX58200 Datasheet HTML 97Page - ASIX Electronics Corporation AX58200 Datasheet HTML 98Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 180 page
background image
94
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Enhanced 12-bit Analog-to-Digital Converter (EADC)
2.38.1 Overview
The chip contains one 12-bit successive approximation analog-to-digital converter (SAR ADC converter) with
16 external input channels and 3 internal channels. The ADC converter can be started by software trigger,
PWM0/1 triggers, BPWM0/1 triggers, timer0~3 overflow pulse triggers, ADINT0, ADINT1 interrupt EOC (End
of conversion) pulse trigger and external pin (EADC0_ST) input signal.
2.38.2 Features
⚫
Analog input voltage range: 0~ VREF (Max to 3.6V)
⚫
Reference voltage from VREF pin
⚫
12-bit resolution and 10-bit accuracy is guaranteed
⚫
Up to 16 single-end analog external input channels or 8 pair differential analog input channels
⚫
Up to 3 internal channels, they are band-gap voltage (VBG), temperature sensor (VTEMP), and VDD
power
⚫
Four ADC interrupts (ADINT0~3) with individual interrupt vector addresses
⚫
Maximum ADC clock frequency is 72 MHz
⚫
Up to 5.14 MSPS conversion rate
⚫
Configurable ADC internal sampling time
⚫
12-bit, 10-bit, 8-bit, 6-bit configurable resolution
⚫
Supports calibration and load calibration words capability
⚫
Supports internal reference voltage VREF: 1.6V, 2.0V, 2.5V, and 3.0V.
⚫
Supports three power saving modes:
–
Deep Power-down mode
–
Power-down mode
–
Standby mode
⚫
Up to 19 sample modules
–
Each of sample modules which is configurable for ADC converter channel EADC_CH0~15
and trigger source
–
Sample module 16~18 is fixed for ADC channel 16, 17, 18 input sources as band-gap voltage,
temperature sensor, and VDD power
–
Double buffer for sample control logic module 0~3
–
Configurable sampling time for each sample module
–
Conversion results are held in 19 data registers with valid and overrun indicators
⚫
An ADC conversion can be started by:
–
Write 1 to SWTRGn (EADC_SWTRG[n], n = 0~18)
–
External pin EADC_ST
–
Timer0~3 overflow pulse triggers
–
ADINT0 and ADINT1 interrupt EOC (End of conversion) pulse triggers
–
EPWM/BPWM triggers
⚫
Supports PDMA transfer
⚫
Conversion Result Monitor by Compare Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com