Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 36Page - ASIX Electronics Corporation AX58200 Datasheet HTML 37Page - ASIX Electronics Corporation AX58200 Datasheet HTML 38Page - ASIX Electronics Corporation AX58200 Datasheet HTML 39Page - ASIX Electronics Corporation AX58200 Datasheet HTML 40Page - ASIX Electronics Corporation AX58200 Datasheet HTML 41Page - ASIX Electronics Corporation AX58200 Datasheet HTML 42Page - ASIX Electronics Corporation AX58200 Datasheet HTML 43Page - ASIX Electronics Corporation AX58200 Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 180 page
background image
40
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
AVDD
VBODL
BODOUT
BODRSTEN
Brown-out
Reset
T1
(< BODDGSEL)
T2
(= BODDGSEL)
T3
(= BODDGSEL)
Hysteresis
VBODH
Figure 2.2-5: Brown-out Detector (BOD) Waveform
2.2.2.5 Watchdog Timer Reset (WDT)
In most industrial applications, system reliability is very important. To automatically recover the MCU from failure
status is one way to improve system reliability. The watchdog timer (WDT) is widely used to check if the system
works fine. If the MCU is crashed or out of control, it may cause the watchdog time-out. User may decide to enable
system reset during watchdog time-out to recover the system and take action for the system crash/out-of-control
after reset.
Software can check if the reset is caused by watchdog time-out to indicate the previous reset is a watchdog reset
and handle the failure of MCU after watchdog time-out reset by checking WDTRF(SYS_RSTSTS[2]).
2.2.2.6 CPU Lockup Reset
CPU enters lockup status after CPU produces hardfault at hardfault handler and chip gives immediate indication
of seriously errant kernel software. This is the result of the CPU being locked because of an unrecoverable
exception following the activation of the processor’s built-in system state protection hardware. When chip enters
debug mode, the CPU lockup reset will be ignored.
2.2.2.7 CPU Reset, CHIP Reset and MCU Reset
The CPU Reset means only Cortex® -M4 core is reset and all other peripherals remain the same status after CPU
reset. User can set the CPURST(SYS_IPRST0[1]) to 1 to assert the CPU Reset signal.
The CHIP Reset is the same with Power-on Reset. The CPU and all peripherals are reset and BS(FMC_ISPCTL[1])
bit is automatically reloaded from CONFIG0 setting. User can set the CHIPRST(SYS_IPRST0[1]) to 1 to assert
the CHIP Reset signal.
The MCU Reset is similar with CHIP Reset. The difference is that BS(FMC_ISPCTL[1]) will not be reloaded
from CONFIG0 setting and keep its original software setting for booting from APROM or LDROM. User can set
the SYSRESETREQ(AIRCR[2]) to 1 to assert the MCU Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com