Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 41Page - ASIX Electronics Corporation AX58200 Datasheet HTML 42Page - ASIX Electronics Corporation AX58200 Datasheet HTML 43Page - ASIX Electronics Corporation AX58200 Datasheet HTML 44Page - ASIX Electronics Corporation AX58200 Datasheet HTML 45Page - ASIX Electronics Corporation AX58200 Datasheet HTML 46Page - ASIX Electronics Corporation AX58200 Datasheet HTML 47Page - ASIX Electronics Corporation AX58200 Datasheet HTML 48Page - ASIX Electronics Corporation AX58200 Datasheet HTML 49Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 180 page
background image
45
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
POR
POR Reset
V
V
-
After software writes 1 to clear PORF
(SYS_RSTSTS[0])
INT
External Interrupt
V
-
-
After software write 1 to clear the Px_INTSRC[n] bit.
GPIO
GPIO Interrupt
V
-
-
After software write 1 to clear the Px_INTSRC[n] bit.
GPIO(PA~PD)
Wake-up pin
rising or falling edge
event, 64-pin
-
V
-
After software writes 1 to clear GPxWK
(CLK_PMUSTS[11:8]) when SPD mode is entered.
GPIO(PC.0)
Wake-up pin
rising or falling edge
event, 1-pin
-
-
V
After software writes 1 to clear PINWK
(CLK_PMUSTS[1]) when DPD mode is entered.
TIMER
Timer Interrupt
V
-
-
After software writes 1 to clear TWKF
(TIMERx_INTSTS[1]) and TIF (TIMERx_INTSTS[0]).
Wakeup timer
Wakeup by wake-up
timer time-out
-
V
V
After software writes 1 to clear TMRWK
(CLK_PMUSTS[1]) when SPD or DPD mode is
entered.
WDT
WDT Interrupt
V
-
-
After software writes 1 to clear WKF (WDT_CTL[5])
(Write Protect).
RTC
Alarm Interrupt
V
-
-
After software writes 1 to clear ALMIF
(RTC_INTSTS[0]).
Time Tick Interrupt
V
-
-
After software writes 1 to clear TICKIF
(RTC_INTSTS[1]).
Wakeup by RTC alarm
-
V
-
After software writes 1 to clear RTCWK
(CLK_PMUSTS[2]) when SPD mode is entered.
Wakeup by RTC tick
time
-
V
-
After software writes 1 to clear RTCWK
(CLK_PMUSTS[2]) when SPD mode is entered.
Wakeup by tamper
event
-
V
-
After software writes 1 to clear RTCWK
(CLK_PMUSTS[2]) when SPD mode is entered.
UART
nCTS wake-up
V
-
-
After software writes 1 to clear CTSWKF
(UARTx_WKSTS[0]).
RX Data wake-up
V
-
-
After software writes 1 to clear DATWKF
(UARTx_WKSTS[1]).
Received FIFO
Threshold Wake-up
V
-
-
After software writes 1 to clear RFRTWKF
(UARTx_WKSTS[2]).
RS-485 AAD Mode
Wake-up
V
-
-
After software writes 1 to clear RS485WKF
(UARTx_WKSTS[3]).
Received FIFO
Threshold Time-out
Wake-up
V
-
-
After software writes 1 to clear TOUTWKF
(UARTx_WKSTS[4]).
USCI UART
CTS Toggle
V
-
-
After software writes 1 to clear WKF
(UUART_WKSTS[0]).
Data Toggle
V
-
-
After software writes 1 to clear WKF
(UUART_WKSTS[0]).
USCI I2C
Data toggle
V
-
-
After software writes 1 to clear WKF
(UI2C_WKSTS[0]).
Address match
V
-
-
After software writes 1 to clear WKAKDONE
(UI2C_PROTSTS[16], then writes 1 to clear WKF
(UI2C_WKSTS[0]).
USCI SPI
SS Toggle
V
-
-
After software writes 1 to clear WKF
(USPI_WKSTS[0]).
I2C
Address match wake-up
V
-
-
After software writes 1 to clear WKAKDONE
(I2C_WKSTS[1]). Then software writes 1 to clear
WKIF(I2C_WKSTS[0]).
USBD
Remote Wake-up
V
-
-
After software writes 1 to clear BUSIF
(USBD_INTSTS[0]).
ACMP
Comparator Power-
Down Wake-Up Interrupt
V
-
-
After software writes 1 to clear WKIF0
(ACMP_STATUS[8]) and WKIF1 (ACMP_STATUS[9]).
ACMP
ACMPO status change
-
V
-
After software writes 1 to clear ACMPWK
(CLK_PMUSTS[14]) when SPD mode is entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com