Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 37Page - ASIX Electronics Corporation AX58200 Datasheet HTML 38Page - ASIX Electronics Corporation AX58200 Datasheet HTML 39Page - ASIX Electronics Corporation AX58200 Datasheet HTML 40Page - ASIX Electronics Corporation AX58200 Datasheet HTML 41Page - ASIX Electronics Corporation AX58200 Datasheet HTML 42Page - ASIX Electronics Corporation AX58200 Datasheet HTML 43Page - ASIX Electronics Corporation AX58200 Datasheet HTML 44Page - ASIX Electronics Corporation AX58200 Datasheet HTML 45Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 180 page
background image
41
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.2.3
System Power Distribution
In this chip, power distribution is divided into four segments:
⚫
Analog power from AVDD and AVSS provides the power for analog components operation.
⚫
Digital power from VDD and VSS supplies the power to the internal regulator which provides a
fixed 1.8 V power for digital operation and I/O pins.
⚫
USB transceiver power from VBUS offers the power for operating the USB transceiver.
⚫
RTC power from VDD provides the power for RTC and 80 bytes backup registers.
The outputs of internal voltage regulators, LDO and VDD33, require an external capacitor which should be located
close to the corresponding pin. Analog power (AVDD) should be the same voltage level of the digital power (VDD).
Figure 2.2-6 shows the AX58200 power distribution.
Figure 2.2-6: Power Distribution Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com