| Electronic Components Datasheet Search |
|
AX58200 Datasheet(PDF) 33 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200 Datasheet(HTML) 33 Page - ASIX Electronics Corporation |
|
33 / 180 page ![]() 33 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC Cortex® -M4 processor features: ⚫ A low gate count processor core, with low latency interrupt processing that has: – A subset of the Thumb instruction set, defined in the ARMv7-M Architecture Reference Manual – Banked Stack Pointer (SP) – Hardware integer divide instructions, SDIV and UDIV – Handler and Thread modes – Thumb and Debug states – Support for interruptible-continued instructions LDM, STM, PUSH, and POP for low interrupt latency – Automatic processor state saving and restoration for low latency Interrupt Service Routine (ISR) entry and exit – Support for ARMv6 big-endian byte-invariant or little-endian accesses – Support for ARMv6 unaligned accesses ⚫ Floating Point Unit (FPU) in the Cortex® -M4F processor providing: – 32-bit instructions for single-precision (C float) data-processing operations – Combined Multiply and Accumulate instructions for increased precision (Fused MAC) – Hardware support for conversion, addition, subtraction, multiplication with optional accumulate, division, and square-root – Hardware support for denormals and all IEEE rounding modes – 32 dedicated 32-bit single precision registers, also addressable as 16 double-word registers – Decoupled three stage pipeline ⚫ Nested Vectored Interrupt Controller (NVIC) closely integrated with the processor core to achieve low latency interrupt processing. Features include: – External interrupts. Configurable from 1 to 240 (the AX58200 configured with 64 interrupts) – Bits of priority, configurable from 3 to 8 – Dynamic reprioritization of interrupts – Priority grouping which enables selection of preempting interrupt levels and nonpreempting interrupt levels – Support for tail-chaining and late arrival of interrupts, which enables back-to-back interrupt processing without the overhead of state saving and restoration between interrupts. – Processor state automatically saved on interrupt entry, and restored on interrupt exit with on instruction overhead – Support for Wake-up Interrupt Controller (WIC) with Ultra-low Power Sleep mode ⚫ Memory Protection Unit (MPU). An optional MPU for memory protection, including: – Eight memory regions – Sub Region Disable (SRD), enabling efficient use of memory regions – The ability to enable a background region that implements the default memory map attributes ⚫ Low-cost debug solution that features: – Debug access to all memory and registers in the system, including access to memory mapped devices, access to internal core registers when the core is halted, and access to |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |