| Electronic Components Datasheet Search |
|
AX58200 Datasheet(PDF) 83 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200 Datasheet(HTML) 83 Page - ASIX Electronics Corporation |
|
83 / 180 page ![]() 83 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC USCI - Universal Serial Control Interface Controller (USCI) 2.24.1 Overview The Universal Serial Control Interface (USCI) is a flexible interface module covering several serial communication protocols. The user can configure this controller as UART, SPI, or I2C functional protocol. 2.24.2 Features The controller can be individually configured to match the application needs. The following protocols are supported: ⚫ UART ⚫ SPI ⚫ I2C USCI – UART Mode 2.25.1 Overview The asynchronous serial channel UART covers the reception and the transmission of asynchronous data frames. It performs a serial-to-parallel conversion on data received from the peripheral, and a parallel-to-serial conversion on data transmitted from the controller. The receiver and transmitter being independent, frames can start at different points in time for transmission and reception. The UART controller also provides auto flow control. There are two conditions to wake-up the system. 2.25.2 Features ⚫ Supports one transmit buffer and two receive buffer for data payload ⚫ Supports hardware auto flow control function ⚫ Supports programmable baud-rate generator ⚫ Support 9-bit Data Transfer (Support 9-bit RS-485) ⚫ Baud rate detection possible by built-in capture event of baud rate generator ⚫ Supports PDMA capability ⚫ Supports Wake-up function (Data and nCTS Wakeup Only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |