Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 7Page - ASIX Electronics Corporation AX58200 Datasheet HTML 8Page - ASIX Electronics Corporation AX58200 Datasheet HTML 9Page - ASIX Electronics Corporation AX58200 Datasheet HTML 10Page - ASIX Electronics Corporation AX58200 Datasheet HTML 11Page - ASIX Electronics Corporation AX58200 Datasheet HTML 12Page - ASIX Electronics Corporation AX58200 Datasheet HTML 13Page - ASIX Electronics Corporation AX58200 Datasheet HTML 14Page - ASIX Electronics Corporation AX58200 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 180 page
background image
11
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
1 Introduction
General Description
The AX58200 is a 2/3-port EtherCAT Slave Controller SoC equipped with Arm® Cortex® -M4F with DSP extension
runs up to 192 MHz and EtherCAT Slave Controller (ESC) with two integrated Fast Ethernet PHYs which support
100Mbps full-duplex operation and HP Auto-MDIX. The AX58200 supports the CANopen (CoE), TFTP (FoE), Vender
specific application (VoE), etc. standard EtherCAT protocols and provides a cost-effective solution for industrial
automation, motion/motor control, robotics, digital I/O control, sensors data acquisition, etc. industrial fieldbus
applications.
AX58200 embedded 512 KB Flash memory in dual-bank architecture supports Over-The-Air firmware upgrade. The
160 KB embedded SRAM includes 32 KB cache for speeding up code execution from the external SPI Flash. Built-in
4 KB Secure Protection ROM provides a safe space for saving confidential program or data.
The AX58200 is equipped with a large number of high speed digital peripherals, such as a USB 2.0 high speed interface
with on-chip transceiver working in device/host/OTG mode, a USB 2.0 full speed interface with on-chip transceiver
working in device/host mode, up to nine UART interfaces including three ISO-7816-3 interfaces, up to four composite
SPI/I2S interfaces, a Quad-SPI interface, a SPI Flash interface supporting quad mode, three I2C interfaces, a 192
KHz/32-bit I2S interface, two SDIO interfaces, two CAN 2.0B interfaces, two QEI interfaces, a 10/100 Mbps Ethernet
MAC supporting RMII and two Universal Serial Control Interfaces which can be configured as UART, SPI or I2C. The
AX58200 also supports 16 channels peripheral DMA and up to 32 channels PWM running up to 192 MHz.
The AX58200 also provides high performance analog peripherals, such as a 12-bit 5MSPS SAR ADC with up to 16
channels, two 12-bit 1MSPS DAC, two analog comparators and two operational amplifiers, as well as a built-in
hardware cryptography accelerator that supports ECC, AES, DES, triple DES, SHA, HMAC and a random number
generator (RNG).
The AX58200’s ESC circuit provides a three-channel PWM controller or a one-channel Step/Direction controller, and
an increment/hall encode interface for closed-loop motor control, a SPI master controller for data acquisition and output,
and an I/O watchdog for functional safety.
The AX58200, in 144-pin HSFBGA 10x10 mm, 0.8-mm pitch, supports the RoHS compliant package and industrial
grade operating temperature range from -40 to 85°C or from -40 to 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com