| Electronic Components Datasheet Search |
|
AX58200 Datasheet(PDF) 74 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200 Datasheet(HTML) 74 Page - ASIX Electronics Corporation |
|
74 / 180 page ![]() 74 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC UART Interface Controller (UART) 2.16.1 Overview The chip provides six channels of Universal Asynchronous Receiver/Transmitters (UART). The UART controller performs Normal Speed UART and supports flow control function. The UART controller performs a serial-to-parallel conversion on data received from the peripheral and a parallel-to-serial conversion on data transmitted from the CPU. Each UART controller channel supports ten types of interrupts. The UART controller also supports IrDA SIR, LIN and RS-485 function modes and auto-baud rate measuring function. 2.16.2 Features ⚫ Full-duplex asynchronous communications ⚫ Separates receive and transmit 16/16 bytes entry FIFO for data payloads ⚫ Supports hardware auto-flow control ⚫ Programmable receiver buffer trigger level ⚫ Supports programmable baud rate generator for each channel individually ⚫ Supports nCTS, incoming data, Received Data FIFO reached threshold and RS-485 Address Match (AAD mode) wake-up function ⚫ Supports 8-bit receiver buffer time-out detection function ⚫ Programmable transmitting data delay time between the last stop and the next start bit by setting DLY (UART_TOUT [15:8]) ⚫ Supports Auto-Baud Rate measurement and baud rate compensation function – Support 9600 bps for UART_CLK is selected LXT. ⚫ Supports break error, frame error, parity error and receive/transmit buffer overflow detection function ⚫ Fully programmable serial-interface characteristics – Programmable number of data bit, 5-, 6-, 7-, 8- bit character – Programmable parity bit, even, odd, no parity or stick parity bit generation and detection – Programmable stop bit, 1, 1.5, or 2 stop bit generation ⚫ Supports IrDA SIR function mode – Supports for 3/16 bit duration for normal mode ⚫ Supports LIN function mode (Only UART0 /UART1 with LIN function) – Supports LIN master/slave mode – Supports programmable break generation function for transmitter – Supports break detection function for receiver ⚫ Supports RS-485 function mode – Supports RS-485 9-bit mode – Supports hardware or software enables to program nRTS pin to control RS-485 transmission direction ⚫ Supports PDMA transfer function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |