Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 73 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 73 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 69Page - ASIX Electronics Corporation AX58200 Datasheet HTML 70Page - ASIX Electronics Corporation AX58200 Datasheet HTML 71Page - ASIX Electronics Corporation AX58200 Datasheet HTML 72Page - ASIX Electronics Corporation AX58200 Datasheet HTML 73Page - ASIX Electronics Corporation AX58200 Datasheet HTML 74Page - ASIX Electronics Corporation AX58200 Datasheet HTML 75Page - ASIX Electronics Corporation AX58200 Datasheet HTML 76Page - ASIX Electronics Corporation AX58200 Datasheet HTML 77Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 180 page
background image
73
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Enhanced Input Capture Timer (ECAP)
2.15.1 Overview
This device provides up to two units of Input Capture Timer/Counter whose capture function can detect the
digital edge-changed signal at channel inputs. Each unit has three input capture channels. The timer/counter is
equipped with up counting, reload and compare-match capabilities.
2.15.2 Features
⚫
Up to two Input Capture Timer/Counter units, CAP0 and CAP1.
⚫
Each unit has 3 input channels.
⚫
Each unit has its own interrupt vector.
⚫
Each input channel has its own capture counter hold register.
⚫
24-bit Input Capture up-counting timer/counter.
⚫
With noise filter in front end of input ports.
⚫
Edge detector with three options:
–
Rising edge detection
–
Falling edge detection
–
Both edge detection
⚫
Captured events reset and/or reload capture counter.
⚫
Supports compare-match function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com