Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 10Page - ASIX Electronics Corporation AX58200 Datasheet HTML 11Page - ASIX Electronics Corporation AX58200 Datasheet HTML 12Page - ASIX Electronics Corporation AX58200 Datasheet HTML 13Page - ASIX Electronics Corporation AX58200 Datasheet HTML 14Page - ASIX Electronics Corporation AX58200 Datasheet HTML 15Page - ASIX Electronics Corporation AX58200 Datasheet HTML 16Page - ASIX Electronics Corporation AX58200 Datasheet HTML 17Page - ASIX Electronics Corporation AX58200 Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 180 page
background image
14
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Signal Description
Following abbreviations are used in “Type” column of below pin description tables. Note that some I/O pins
with multiple signal definitions on the same pin may have different attributes in “Type” column for different
signal definition.
A
Analog
PU
Internal Pull-Up
B5
Bi-directional I/O, 3.3V with 5V tolerant
PD
Internal Pull-Down
I5
Input, 3.3V with 5V tolerant
P
Power/Ground pin
O5
Output, 3.3V with 5V tolerant
S
Schmitt Trigger
B3
Bi-directional I/O, 3.3V
T
Tri-state
I3
Input, 3.3V
4m
4mA driving strength
O3
Output, 3.3V
8m
8mA driving strength
1.4.1
Main System Pin Description
Pin No
Pin Name
Type
MFP
Description
K10
nRESET
I3/S
MFP0
External reset input: active LOW, with an internal
pull-up. Set this pin low reset to initial state.
J9
PA.0
B5
MFP0
General purpose digital I/O pin.
SPIM_MOSI
I/O
MFP2
SPIM MOSI (Master Out, Slave In) pin.
QSPI0_MOSI0
I/O
MFP3
Quad SPI0 MOSI0 (Master Out, Slave In) pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
SD1_DAT0
I/O
MFP5
SD/SDIO1 data line bit 0.
SC0_CLK
O
MFP6
Smart Card 0 clock pin.
UART0_RXD
I
MFP7
UART0 data receiver input pin.
UART1_nRTS
O
MFP8
UART1 request to Send output pin.
I2C2_SDA
I/O
MFP9
I2C2 data input/output pin.
BPWM0_CH0
I/O
MFP12
BPWM0 channel 0 output/capture input.
EPWM0_CH5
I/O
MFP13
EPWM0 channel 5 output/capture input.
DAC0_ST
I
MFP15
DAC0 external trigger input.
K9
PA.1
B5
MFP0
General purpose digital I/O pin.
SPIM_MISO
I/O
MFP2
SPIM MISO (Master In, Slave Out) pin.
QSPI0_MISO0
I/O
MFP3
Quad SPI0 MISO0 (Master In, Slave Out) pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
SD1_DAT1
I/O
MFP5
SD/SDIO1 data line bit 1.
SC0_DAT
I/O
MFP6
Smart Card 0 data pin.
UART0_TXD
O
MFP7
UART0 data transmitter output pin.
UART1_nCTS
I
MFP8
UART1 clear to Send input pin.
I2C2_SCL
I/O
MFP9
I2C2 clock pin.
BPWM0_CH1
I/O
MFP12
BPWM0 channel 1 output/capture input.
EPWM0_CH4
I/O
MFP13
EPWM0 channel 4 output/capture input.
DAC1_ST
I
MFP15
DAC1 external trigger input.
J8
PA.2
B5
MFP0
General purpose digital I/O pin.
SPIM_CLK
I/O
MFP2
SPIM serial clock pin.
QSPI0_CLK
I/O
MFP3
Quad SPI0 serial clock pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
SD1_DAT2
I/O
MFP5
SD/SDIO1 data line bit 2.
SC0_RST
O
MFP6
Smart Card 0 reset pin.
UART4_RXD
I
MFP7
UART4 data receiver input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com