Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 63 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 63 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 59Page - ASIX Electronics Corporation AX58200 Datasheet HTML 60Page - ASIX Electronics Corporation AX58200 Datasheet HTML 61Page - ASIX Electronics Corporation AX58200 Datasheet HTML 62Page - ASIX Electronics Corporation AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation AX58200 Datasheet HTML 65Page - ASIX Electronics Corporation AX58200 Datasheet HTML 66Page - ASIX Electronics Corporation AX58200 Datasheet HTML 67Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 180 page
background image
63
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
True Random Number Generator (TRNG)
2.4.1
Overview
The True Random Number Generator (TRNG) is used to generate the randomness by extracting from physical
phenomena.
2.4.2
Features
⚫
Generates 800 random bits per second
Flash Memory Controller (FMC)
2.5.1
Overview
The FMC is equipped with dual-bank on-chip embedded Flash (BANK0 and BANK1) for application and
configurable Data Flash to store some application dependent data. Both BANK0 and BANK1 have 64/128/256
Kbytes space. Thus, the total size of application rom (APROM) is 128K/256K/512K. A User Configuration
block provides for system initiation in BANK0. A 4 Kbytes loader ROM (LDROM) is used for In-System-
Programming (ISP) function in BANK0. A 4 Kbytes security protection ROM (SPROM) can conceal user
program. A 2 Kbytes one-time-program ROM (OTP) is used for recording one-time-program data in BANK1. A
32K Boot Loader consists of native ISP functions. A 4KB cache with zero wait cycle is used to improve Flash
access performance. This chip also supports In-Application-Programming (IAP) function. User switches the
code executing without chip reset after the embedded Flash is updated.
2.5.2
Features
⚫
Supports dual-bank Flash macro for safe firmware upgrade
⚫
Supports 128/256/512 Kbytes application ROM (APROM)
⚫
Supports 4 Kbytes loader ROM (LDROM)
⚫
Supports 4 Kbytes security protection ROM (SPROM) to conceal user program
⚫
Supports mirror SPROM in dual-bank Flash macro to read SPROM code while writing other ROM
⚫
Supports Data Flash with configurable memory size
⚫
Supports 16 bytes User Configuration block to control system initiation
⚫
Supports 2 Kbytes one-time-program ROM (OTP)
⚫
Supports 4 Kbytes page erase for all embedded Flash
⚫
Supports Boot Loader with native In-System-Programming (ISP) functions
⚫
Supports Security Key protection function for APROM, LDROM, SPROM, User Configuration
block and KPROM protection
⚫
Supports 32-bit/64-bit and multi-word Flash programming function
⚫
Supports fast Flash programming verification function
⚫
Supports CRC32 checksum calculation function
⚫
Supports Flash all one verification function
⚫
Supports In-System-Programming (ISP) / In-Application-Programming (IAP) to update embedded
Flash memory
⚫
Supports cache memory to improve Flash access performance and reduce power consumption
⚫
Supports auto-tuning Flash access cycle function to optimize the Flash access performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com