Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 60 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 60 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 56Page - ASIX Electronics Corporation AX58200 Datasheet HTML 57Page - ASIX Electronics Corporation AX58200 Datasheet HTML 58Page - ASIX Electronics Corporation AX58200 Datasheet HTML 59Page - ASIX Electronics Corporation AX58200 Datasheet HTML 60Page - ASIX Electronics Corporation AX58200 Datasheet HTML 61Page - ASIX Electronics Corporation AX58200 Datasheet HTML 62Page - ASIX Electronics Corporation AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 180 page
background image
60
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.3.4
Peripherals Clock
Each peripheral clock has its own clock source selection. Refer to the CLK_CLKSEL1, CLK_CLKSEL2 and
CLK_CLKSEL3 register.
2.3.5
Power-down Mode Clock
When entering Power-down mode, system clocks, some clock sources and some peripheral clocks are disabled.
Some clock sources and peripherals clock are still active in Power-down mode.
For theses clocks, which still keep active, are listed below:
⚫
Clock Generator
–
10 KHz internal low speed RC oscillator (LIRC) clock
–
32.768 KHz external low speed crystal oscillator (LXT) clock
⚫
Peripherals Clock (When the modules adopt LXT or LIRC as clock source)
2.3.6
Clock Output
This device is equipped with a power-of-2 frequency divider which is composed of 16 chained divide-by-2 shift
registers. One of the 16 shift register outputs selected by a sixteen to one multiplexer is reflected to CLKO function
pin. Therefore, there are 16 options of power-of-2 divided clocks with the frequency from Fin/21 to Fin/216 where
Fin is input clock frequency to the clock divider.
The output formula is Fout = Fin/2(N+1), where Fin is the input clock frequency, Fout is the clock divider output
frequency and N is the 4-bit value in FREQSEL (CLK_CLKOCTL[3:0]).
When writing 1 to CLKOEN (CLK_CLKOCTL[4]), the chained counter starts to count. When writing 0 to
CLKOEN (CLK_CLKOCTL[4]), the chained counter continuously runs till divided clock reaches low state and
stays in low state.
0000
0001
1110
1111
:
:
16 to 1
MUX
1/2
1/2
2
1/2
3
1/2
15
1/2
16
…...
FREQSEL
(CLK_CLKOCTL[3:0])
CLKO
16 chained
divide-by-2 counter
CLKOEN
(CLK_CLKOCTL[4])
Enable
divide-by-2 counter
0
1
DIV1EN
(CLK_CLKOCTL[5])
0
1
CLK1HZEN
(CLK_CLKOCTL[6])
1 Hz clock from RTC
0
1
LXT
LIRC
RTCSEL(CLK_CLKSEL3[8])
/32768
11
HCLK
LXT
HXT
HIRC
CLKOSEL (CLK_CLKSEL1[29:28])
10
01
00
Figure 2.3-6: Clock Output Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com