| Electronic Components Datasheet Search |
|
AX58200 Datasheet(PDF) 77 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200 Datasheet(HTML) 77 Page - ASIX Electronics Corporation |
|
77 / 180 page ![]() 77 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC Smart Card Host Interface (SC) 2.18.1 Overview The Smart Card Interface controller (SC controller) is based on ISO/IEC 7816-3 standard and fully compliant with PC/SC Specifications. It also provides status of card insertion/removal. 2.18.2 Features ⚫ ISO 7816-3 T = 0, T = 1 compliant ⚫ EMV2000 compliant ⚫ Three ISO 7816-3 ports ⚫ Separates receive/transmit 4 byte entry FIFO for data payloads ⚫ Programmable transmission clock frequency ⚫ Programmable receiver buffer trigger level ⚫ Programmable guard time selection (11 ETU ~ 267 ETU) ⚫ One 24-bit timer and two 8-bit timers for Answer to Request (ATR) and waiting times processing ⚫ Supports auto direct / inverse convention function ⚫ Supports transmitter and receiver error retry and error number limiting function ⚫ Supports hardware activation sequence process, and the time between PWR on and CLK start is configurable ⚫ Supports hardware warm reset sequence process ⚫ Supports hardware deactivation sequence process ⚫ Supports hardware auto deactivation sequence when detected the card removal ⚫ Supports UART mode – Full duplex, asynchronous communications – Separates receiving / transmitting 4 bytes entry FIFO for data payloads – Supports programmable baud rate generator – Supports programmable receiver buffer trigger level – Programmable transmitting data delay time between the last stop bit leaving the TX-FIFO and the de-assertion by setting EGT (SCn_EGT[7:0]) – Programmable even, odd or no parity bit generation and detection – Programmable stop bit, 1- or 2- stop bit generation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |