Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX58200 Datasheet(PDF) 104 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 104 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 100Page - ASIX Electronics Corporation AX58200 Datasheet HTML 101Page - ASIX Electronics Corporation AX58200 Datasheet HTML 102Page - ASIX Electronics Corporation AX58200 Datasheet HTML 103Page - ASIX Electronics Corporation AX58200 Datasheet HTML 104Page - ASIX Electronics Corporation AX58200 Datasheet HTML 105Page - ASIX Electronics Corporation AX58200 Datasheet HTML 106Page - ASIX Electronics Corporation AX58200 Datasheet HTML 107Page - ASIX Electronics Corporation AX58200 Datasheet HTML 108Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 180 page
background image
104
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.43.4 ESC Configuration
2.43.4.1 Bootstrap Pins for Chip Configuration
The AX58200 supports five multi-function bootstrap pins (pin L1, L2, E9, J10 and J11) for five hardware
configurations, i.e. external I2C EEPROM size, ESC supported port number, RSTO polarity and integrated port
0/1 PHY media mode; and it also supports other three multi-function bootstrap pins (pin A9, H9, G11) for the
configuration of port 2 MII signals. User needs to utilize an external resistor to pull up / down these bootstrap pins.
Pins
Signal Name
Description
L1
EEP_SIZE
I2C EEPROM Size
0: 1 Kbit to 16Kbit
1: 32Kbit to 4Mbit
L2
3PORT_MODE
ESC port number
0: 2 ports mode
1: 3 ports mode
E9
RSTO_POL
RSTO Reset Output Polarity
0: Active Low
1: Active High
B10
PDI_EMU
Device emulation (0x0141.0)
0: Device status register is controlled by PDI
1: Device status register is identical to device control register
J10
P0_FIBER
Port 0 PHY media mode
0: Copper mode
1: Fiber mode
J11
P1_FIBER
Port 1 PHY Media mode
0: Copper mode
1: Fiber mode
A9
TX_SH [1]
Port 2 MII TXD Align position
2‘b00: Align with MCLK,
2’b01: Delay 1/4 phase with MCLK
2’b10: Delay 1/2 phase with MCLK
2’b11: Delay 3/4 phase with MCLK
H9
TX_SH [0]
G11
LINK_POL
Port 2 MII LINK Polarity
0: Active Low
1: Active High
Table 2.43-1: ESC Bootstrap Pins Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com