Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 13Page - Texas Instruments DRV8426PWPR Datasheet HTML 14Page - Texas Instruments DRV8426PWPR Datasheet HTML 15Page - Texas Instruments DRV8426PWPR Datasheet HTML 16Page - Texas Instruments DRV8426PWPR Datasheet HTML 17Page - Texas Instruments DRV8426PWPR Datasheet HTML 18Page - Texas Instruments DRV8426PWPR Datasheet HTML 19Page - Texas Instruments DRV8426PWPR Datasheet HTML 20Page - Texas Instruments DRV8426PWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17
DRV8426
www.ti.com
SLOSE55 – MAY 2020
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.6 Decay Modes
During PWM current chopping, the H-bridge is enabled to drive through the motor winding until the PWM current
chopping threshold is reached. This is shown in Figure 8, Item 1.
Once the chopping current threshold is reached, the H-bridge can operate in two different states, fast decay or
slow decay. In fast decay mode, once the PWM chopping current level has been reached, the H-bridge reverses
state to allow winding current to flow in a reverse direction. The opposite FETs are turned on; as the winding
current approaches zero, the bridge is disabled to prevent any reverse current flow. Fast decay mode is shown in
Figure 8, item 2. In slow decay mode, winding current is re-circulated by enabling both of the low-side FETs in
the bridge. This is shown in Figure 8, Item 3.
Figure 8. Decay Modes
The decay mode of the DRV8426 is selected by the DECAY0 and DECAY1 pins as shown in Table 8. If
DECAY1 pin is Hi-Z, irrespective of the DECAY0 pin voltage, the decay mode will be smart tune dynamic decay.
The decay modes can be changed on the fly. After a decay mode change, the new decay mode is applied after a
10 µs de-glitch time.
Table 8. Decay Mode Settings
DECAY0
DECAY1
INCREASING STEPS
DECREASING
STEPS
0
0
Smart tune Dynamic
Decay
Smart tune Dynamic
Decay
0
1
Smart tune Ripple
Control
Smart tune Ripple
Control
1
0
Mixed decay: 30%
fast
Mixed decay: 30%
fast
1
1
Slow decay
Mixed decay: 30%
fast
Hi-Z
0
Mixed decay: 60%
fast
Mixed decay: 60%
fast
Hi-Z
1
Slow decay
Slow decay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com