Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV8426PWPR Datasheet HTML 1Page - Texas Instruments DRV8426PWPR Datasheet HTML 2Page - Texas Instruments DRV8426PWPR Datasheet HTML 3Page - Texas Instruments DRV8426PWPR Datasheet HTML 4Page - Texas Instruments DRV8426PWPR Datasheet HTML 5Page - Texas Instruments DRV8426PWPR Datasheet HTML 6Page - Texas Instruments DRV8426PWPR Datasheet HTML 7Page - Texas Instruments DRV8426PWPR Datasheet HTML 8Page - Texas Instruments DRV8426PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
DRV8426
SLOSE55 – MAY 2020
www.ti.com
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
RGE Package
24-Pin VQFN with Exposed Thermal PAD
Top View
Table 2. Pin Functions
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
HTS
SOP
VQF
N
AOUT1
4, 5
3
O
Output
Winding A output. Connect to stepper motor winding.
AOUT2
6, 7
4
O
Output
Winding A output. Connect to stepper motor winding.
PGND
3, 12
2, 7
—
Power
Power ground. Connect to system ground.
BOUT2
8, 9
5
O
Output
Winding B output. Connect to stepper motor winding
BOUT1
10,
11
6
O
Output
Winding B output. Connect to stepper motor winding
CPH
28
23
—
Power
Charge pump switching node. Connect a X7R, 0.022-µF, VM-rated ceramic capacitor from
CPH to CPL.
CPL
27
22
DIR
24
19
I
Input
Direction input. Logic level sets the direction of stepping; internal pulldown resistor.
ENABLE
25
20
I
Input
Logic low to disable device outputs; logic high to enable; internal pullup to DVDD. Also
determines the type of OCP and OTSD response.
DVDD
15
10
Power
Logic supply voltage. Connect a X7R, 0.47-μF to 1-μF, 6.3-V or 10-V rated ceramic capacitor
to GND.
GND
14
9
—
Power
Device ground. Connect to system ground.
VREF
17
12
I
Input
Current set reference input. Maximum value 3.3 V for DRV8426. DVDD can be used to
provide VREF through a resistor divider.
M0
18
13
I
Input
Microstepping mode-setting pins. Sets the step mode; internal pulldown resistor.
M1
22
17
DECAY0
21
16
I
Input
Decay-mode setting pins. Sets the decay mode (see the Decay Modes section).
DECAY1
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com