Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8426PWPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8426PWPR
Description  DRV8426 Stepper Driver With Integrated Current Sense, 1/256 Microstepping, STEP/DIR Interface and smart tune Technology
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8426PWPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DRV8426PWPR Datasheet HTML 30Page - Texas Instruments DRV8426PWPR Datasheet HTML 31Page - Texas Instruments DRV8426PWPR Datasheet HTML 32Page - Texas Instruments DRV8426PWPR Datasheet HTML 33Page - Texas Instruments DRV8426PWPR Datasheet HTML 34Page - Texas Instruments DRV8426PWPR Datasheet HTML 35Page - Texas Instruments DRV8426PWPR Datasheet HTML 36Page - Texas Instruments DRV8426PWPR Datasheet HTML 37Page - Texas Instruments DRV8426PWPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
34
DRV8426
SLOSE55 – MAY 2020
www.ti.com
Product Folder Links: DRV8426
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
NOTE
The quiescent power loss is calculated using the typical operating supply current (IVM)
which is dependent on supply-voltage, temperature and device to device variation.
8.2.3.1.4
Total Power Dissipation
The total power dissipation (PTOT) is calculated as the sum of conduction loss, switching loss and the quiescent
power loss as shown in Equation 11.
PTOT = PCOND + PSW + PQ = 0.9-W + 0.1-W + 0.12-W = 1.12-W
(11)
8.2.3.2 Device Junction Temperature Estimation
For an ambient temperature of TA and total power dissipation (PTOT), the junction temperature (TJ) is calculated
as TJ = TA + (PTOT x RθJA)
Considering a JEDEC standard 4-layer PCB, the junction-to-ambient thermal resistance (RθJA) is 33.5 °C/W for
the HTSSOP package and 44.4 °C/W for the VQFN package.
Assuming 25°C ambient temperature, the junction temperature for the HTSSOP package is calculated as shown
below -
TJ = 25°C + (1.12-W x 33.5°C/W) = 62.52 °C
(12)
The junction temperature for the VQFN package is calculated as shown below -
TJ = 25°C + (1.12-W x 44.4°C/W) = 74.73 °C
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com